Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL225 Datasheet HTML 10Page - Torex Semiconductor XCL225 Datasheet HTML 11Page - Torex Semiconductor XCL225 Datasheet HTML 12Page - Torex Semiconductor XCL225 Datasheet HTML 13Page - Torex Semiconductor XCL225 Datasheet HTML 14Page - Torex Semiconductor XCL225 Datasheet HTML 15Page - Torex Semiconductor XCL225 Datasheet HTML 16Page - Torex Semiconductor XCL225 Datasheet HTML 17Page - Torex Semiconductor XCL225 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14/27
XCL225/XCL226 Series
■
NOTE ON USE
11) Instructions of pattern layouts
(1) The operation may become unstable due to noise and/or phase lag from the output current when the wire impedance
is high, please place the input capacitor(CIN) and the output capacitor (CL) as close to the IC as possible.
(2) In order to stabilize VIN voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible to
the VIN and PGND pins.
(3) Please mount each external component as close to the IC as possible.
(4) Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit
impedance.
(5) Make sure that the GND traces are as thick as possible, as variations in ground potential caused by high ground currents
at the time of switching may result in instability of the IC.
(6) Please note that internal driver transistors bring on heat because of the load current and ON resistance of High-side driver
transistor,
Low-side driver transistor.
< Reference Pattern Layout >
< Top view>
< Bottom side top view >
12) Torex places an importance on improving our products and their reliability. We request that users incorporate fail-safe
designs and post-aging protection treatment when using Torex products in their systems.
■
About the appearance (coil part)
(1) Coils are compliant with general surface mount type chip coil (inductor) specifications and may have scratches,
flux contamination and the like.
(2) This product has a coil which is soldered on top of the package. There is no problem with normal board mounting reflow.
If the excessive shock is provided during reflow, there is a possibility to cause the coil misaligned or have the coil fell off.
Please be careful not to provide excessive shock to the PCB during the board mounting reflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com