Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 5 Page - Torex Semiconductor

  XCL225 Datasheet HTML 1Page - Torex Semiconductor XCL225 Datasheet HTML 2Page - Torex Semiconductor XCL225 Datasheet HTML 3Page - Torex Semiconductor XCL225 Datasheet HTML 4Page - Torex Semiconductor XCL225 Datasheet HTML 5Page - Torex Semiconductor XCL225 Datasheet HTML 6Page - Torex Semiconductor XCL225 Datasheet HTML 7Page - Torex Semiconductor XCL225 Datasheet HTML 8Page - Torex Semiconductor XCL225 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/27
XCL225/XCL226
Series
■
ELECTRICAL CHARACTERISTICS
XCL225/XCL226 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT CIRCUIT
FB Voltage
VFB
VFB=0.739V→0.761V,
VFB Voltage when Lx pin oscillates
0.739 0.750 0.761
V
②
Output Voltage Setting
Range(*1)
VOUTSET
-
1
-
15
V
-
Operating Voltage Range
VIN
-
3
-
18
V
-
UVLO Detect Voltage
VUVLO1
VIN:2.8V→2.6V, VFB=0.675V,
VIN Voltage when Lx pin voltage changes from
"H" level to "L" level
2.60
2.70
2.80
V
②
UVLO Release Voltage
VUVLO2
VIN:2.7V→2.9V、VFB=0.675V,
VIN Voltage when Lx pin voltage changes from
"L" level to "H" level
2.70
2.80
2.90
V
②
Quiescent Current(XCL226)
Iq
VFB=0.825V
-
12.5
17.5
μA
④
Stand-by Current
ISTB
VEN/SS=0V
-
1.65
2.5
μA
⑤
Oscillation Frequency
fOSC
Connected to external components, IOUT=100mA
1098
1200
1302
kHz
①
Minimum Duty Cycle
DMIN
VFB=0.825V
-
-
0
%
②
Maximum Duty Cycle
DMAX
VFB=0.675V
100
-
-
%
②
Lx SW "H" On Resistance
RLxH
VFB=0.675V, ILX=200mA
-
0.99
1.14
Ω
②
Lx SW "L" On Resistance
RLxL
VFB=0.825V, ILX=200mA
-
0.73(*2)
-
Ω
②
PFM Switch Current(XCL226)
IPFM
Connected to external components, IOUT=1mA
-
320
-
mA
①
High side Current Limit (*3)
ILIMH
VFB=0.675V
920
1100
-
mA
②
Latch Time
tLAT
Type A only, Connected to external components, VFB=0V
0.5
1.0
1.7
ms
⑥
Internal Soft-Start Time
tSS1
VEN/SS=0V→12V, VFB=0.675V, Time until Lx pin oscillates
0.5
1.0
1.7
ms
②
External Soft-Start Time
tSS2
VEN/SS=0V→12V, VFB=0.675V, RSS=430KΩ, CSS=0.47μF
Time until Lx pin oscillates
17
26
35
ms
③
PG Detect Voltage
VPGDET
VFB=0.712V→0.638V, RPG:100kΩ pull-up to 5V,
VFB Voltage when PG pin voltage changes from
"H" level to "L" level
0.638 0.675 0.712
V
②
PG Output Voltage
VPG
VFB=0.6V, IPG=1mA
AGND
-
0.3
V
②
Efficiency (*4)
EFFI
Connected to external components, VOUT=5V, IOUT=1mA
-
82(2)
-
%
①
FB Voltage
Temperature Characteristics
∆VFB/
(∆Topr・VFB)
-40℃≦Topr≦105℃
-
±100
-
ppm
/℃
②
FB ‘H’ Current
IFBH
VIN=VEN/SS=18V、VFB=3.0V
-0.1
-
0.1
μA
④
FB ‘L’ Current
IFBL
VIN=VEN/SS=18V、VFB=0V
-0.1
-
0.1
μA
④
EN/SS ‘H’ Current
IEN/SSH
VIN=VEN/SS=18V、VFB=0.825V
-
0.1
0.3
μA
④
EN/SS ‘L’ Current
IEN/SSL
VIN=18V、VEN/SS=0V、VFB=0.825V
-0.1
-
0.1
μA
④
EN/SS ‘H’ Voltage
VEN/SSH
VEN/SS=0.3V→2.5V、VFB=0.71V,
VEN/SS Voltage when Lx pin voltage changes from
"L" level to "H"
2.5
-
18.0
V
②
EN/SS ‘L’ Voltage
VEN/SSL
VEN/SS=2.5V→0.3V, VFB=0.71V,
VEN/SS Voltage when Lx pin voltage changes from
"H" level to "L"
AGND
-
0.3
V
②
Thermal Shutdown
Temperature
TTSD
Junction Temperature
-
150
-
℃
-
Hysteresis Width
THYS
Junction Temperature
-
25
-
℃
-
Inductance
L
Test Freq.=1MHz
-
4.3
-
μH
-
Inductor Rated Current
IDC
∆T=+40℃
-
1200
-
mA
-
Test Condition: Unless otherwise stated, VIN=12V, VEN/SS=12V
(*1): Please use within the range of VOUT/VIN≧0.14
(*2): Design reference value. This parameter is provided only for reference.
(*3): Current limit denotes the level of detection at peak of coil current.
(*4): EFFI = {(output voltage) x (output current)} / {(input voltage) x (input current)} x 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com