Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XCL225 Datasheet HTML 19Page - Torex Semiconductor XCL225 Datasheet HTML 20Page - Torex Semiconductor XCL225 Datasheet HTML 21Page - Torex Semiconductor XCL225 Datasheet HTML 22Page - Torex Semiconductor XCL225 Datasheet HTML 23Page - Torex Semiconductor XCL225 Datasheet HTML 24Page - Torex Semiconductor XCL225 Datasheet HTML 25Page - Torex Semiconductor XCL225 Datasheet HTML 26Page - Torex Semiconductor XCL225 Datasheet HTML 27Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24/27
XCL225/XCL226 Series
■
PACKAGING INFORMATION
●
DFN3030-10B (unit:mm)
●
Reference Pattern Layout (unit:mm)
●
Reference Metal Mask Design (unit:mm)
8
14
65
3
2
7
3.0±0.07
(2.5)
(1.34)
(2.22)
(0.25)
(0.2)
(0.38)
(0.5)
0.25±0.05
(0.75)
1pin INDENT
1.34
0.5
2.6
0.38
0.25
0.25
1.14
0.4
0.38
2.6
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com