Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML60852 Datasheet HTML 17Page - OKI electronic componets ML60852 Datasheet HTML 18Page - OKI electronic componets ML60852 Datasheet HTML 19Page - OKI electronic componets ML60852 Datasheet HTML 20Page - OKI electronic componets ML60852 Datasheet HTML 21Page - OKI electronic componets ML60852 Datasheet HTML 22Page - OKI electronic componets ML60852 Datasheet HTML 23Page - OKI electronic componets ML60852 Datasheet HTML 24Page - OKI electronic componets ML60852 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
21/81
(4) Receive packet ready interrupts (EP1, EP2, EP3, EP4 bulk, EP5 bulk)
These interrupts are generated when the respective EP has received an appropriate data packet from the USB
bus and the local MCU can read that data.
Operation
Source of operation
Description (conditions, responses, etc.)
Receive packet ready
interrupt generation
ML60852
The receive packet ready bit (D0) of the corresponding EP
status register (EPnSTAT) is asserted during data
reception when the EOP of the data packet has been
received and the data has been stored without error in the
corresponding FIFO. The end of a packet is recognized
when an EOP has arrived in the cases of both full packets
and short packets.
An interrupt is generated at this time, if the corresponding
receive packet ready interrupt enable bit has been
asserted.
(EOP: End of packet)
End of receive packet ready
interrupt
Local MCU (firmware) After the number of bytes in the receive FIFO data
(EPnFIFO) indicated by the corresponding receive byte
count register (EPnRXCNT) has been read, write a “1” into
the receive packet ready bit D0 of the corresponding EP
status register (EPnSTAT). (This status is reset when a “1”
is written in this bit.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com