Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 2 Page - OKI electronic componets

  ML60852 Datasheet HTML 1Page - OKI electronic componets ML60852 Datasheet HTML 2Page - OKI electronic componets ML60852 Datasheet HTML 3Page - OKI electronic componets ML60852 Datasheet HTML 4Page - OKI electronic componets ML60852 Datasheet HTML 5Page - OKI electronic componets ML60852 Datasheet HTML 6Page - OKI electronic componets ML60852 Datasheet HTML 7Page - OKI electronic componets ML60852 Datasheet HTML 8Page - OKI electronic componets ML60852 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
2/81
Endpoints and FIFOs
In the ML60852, it is possible to select by making appropriate register setting either the 5EP mode in which there
are five end points or the 6EP mode in which there are six end points. Although the transfer mode that can be used
by EP0 is fixed, it is possible to select either the bulk transfer mode or the interrupt transfer mode for the end points
EP1, EP2, and EP3, and one of the modes of isochronous, bulk, or interrupt transfer can be selected for EP4 and
EP5. In addition, it is possible to selectively set the direction of data transfer for EP1 to EP5.
5EP Mode
6EP Mode
End
point
FIFO
Capacity
Transfer
mode
Remarks
FIFO
Capacity
Transfer
mode
Remarks
EP0
Reception 32
Transmission 32
Control transfer
Reception 32
Transmission 32
Control transfer
EP1
64x2
Bulk/interrupt transfer
(IN/OUT)
DMA
Possible
64x2
Bulk/interrupt transfer
(IN/OUT)
DMA
Possible
EP2
64x2
Bulk/interrupt transfer
(IN/OUT)
DMA
Possible
64x2
Bulk/interrupt transfer
(IN/OUT)
DMA
Possible
EP3
32
Bulk/interrupt transfer
(IN/OUT)
32
Bulk/interrupt transfer
(IN/OUT)
EP4
512x2
(64x2)
Isochronous/bulk/
interrupt transfer
(IN/OUT)
DMA
Possible
256x2 (64x2)
Isochronous/bulk/
interrupt transfer
(IN/OUT)
DMA
Possible
EP5
—
—
256x2 (64x2)
Isochronous/bulk/
interrupt transfer
(IN/OUT)
DMA
Possible
FIFO Capacity: The unit is bytes.
Note 1: The selection between the 5EP mode and the 6EP mode is made by bit D2 of the register
SYSCON.
Note 2: EP3 permits rate feedback data sequence toggling.
Note 3: EP1, EP2, and EP3 are all mutually independent, and can be assigned for bulk transfer or
interrupt transfer individually. It is possible to set the maximum packet size up to 64 bytes (32
bytes for EP3) during both bulk transfer and interrupt transfer.
Note 4: It is possible to set EP4 and EP5 to one of the modes of isochronous transfer, bulk transfer, and
interrupt transfer. The maximum packet size can be up to 64 bytes when these end points are set
to bulk transfer.
Note 5: When using EP4 and EP5 in the isochronous transfer mode:
In the 5EP mode, the maximum packet size of EP4 is 512 bytes. EP5 cannot be used.
In the 6EP mode, the maximum packet size of both EP4 and EP5 is 256 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com