Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML60852 Datasheet HTML 8Page - OKI electronic componets ML60852 Datasheet HTML 9Page - OKI electronic componets ML60852 Datasheet HTML 10Page - OKI electronic componets ML60852 Datasheet HTML 11Page - OKI electronic componets ML60852 Datasheet HTML 12Page - OKI electronic componets ML60852 Datasheet HTML 13Page - OKI electronic componets ML60852 Datasheet HTML 14Page - OKI electronic componets ML60852 Datasheet HTML 15Page - OKI electronic componets ML60852 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
12/81
FUNCTIONAL DESCRIPTIONS
(1) USB Interface
The ML60852 is a USB device controller. The ML60852 provides the following functions which are bases for a
USB protocol. Therefore, the application can process a lot of its own functions.
• Bit synchronization
• Encoding and decoding NRZI signals.
• Generating and detecting Sync bytes.
• Bit stuffing
• Generating and checking CRCs (CRC5, CRC16).
• Encoding and decoding PID (packet identifier).
1. Decoding token.
2. Encoding and decoding handshake.
• Generating and detecting SOP.
• Enpacket (packing) and depacket (unpacking)
• Comparing device addresses.
• Storing 8-byte setup data from a host into the setup register.
• Transmitting data in transmit FIFO.
• Storing receive data into receive FIFO of the corresponding endpoint.
(2) USB Transfer Modes
The ML60852 supports four kinds of transfer modes such as control transfer mode , interrupt transfer mode, bulk
transfer mode, and isochronous transfer mode, which are specified by USB Standards.
(a) The control transfer mode is used to receive and respond to configurations and commands from a host, and to
exchange status information between the host and peripherals.
(b) The bulk transfer mode is used to transfer a lot of data in the limited service period when the band width of
USB bus becomes sufficient.
(c) The interrupt transfer mode is used to transfer a small amount of data unfreguently in the limited service period.
(d) The isochronous transfer mode is used to continuously transfer audio data, moving pictures data and other data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com