Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML60852 Datasheet HTML 3Page - OKI electronic componets ML60852 Datasheet HTML 4Page - OKI electronic componets ML60852 Datasheet HTML 5Page - OKI electronic componets ML60852 Datasheet HTML 6Page - OKI electronic componets ML60852 Datasheet HTML 7Page - OKI electronic componets ML60852 Datasheet HTML 8Page - OKI electronic componets ML60852 Datasheet HTML 9Page - OKI electronic componets ML60852 Datasheet HTML 10Page - OKI electronic componets ML60852 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
7/81
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply
V
CC
–0.3 to + 4.6
V
Input Voltage (Tolerant)
V
IT
–0.3 to + 6.0
V
Input Voltage (Normal)
V
I
V
SS = 0 V
T
J = 25°C
–0.3 to + V
CC + 0.3
V
Storage Temperature
T
STG
—
–65 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Power Supply
V
CC
—
3.0 to 3.6
V
Operating Temperature
V
OP
—
0 to 70
°C
Oscillation Frequency
F
OSC
—12
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com