Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML60852 Datasheet HTML 14Page - OKI electronic componets ML60852 Datasheet HTML 15Page - OKI electronic componets ML60852 Datasheet HTML 16Page - OKI electronic componets ML60852 Datasheet HTML 17Page - OKI electronic componets ML60852 Datasheet HTML 18Page - OKI electronic componets ML60852 Datasheet HTML 19Page - OKI electronic componets ML60852 Datasheet HTML 20Page - OKI electronic componets ML60852 Datasheet HTML 21Page - OKI electronic componets ML60852 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
18/81
(2) At the time of reception, when an EOP is detected in the received data string, the ML608522 recognizes it as
the end of the received packet and asserts the receive packet ready status bit. The number of bytes in the
received packet is counted automatically by the receive byte count register (Note 1) corresponding to that end
point.
Note 1: Receive byte count register address: 58h to 5Dh and 74h to 75h.
(8) Interrupts
The ML60852 requests interrupts to the local MCU, etc., by asserting the -INTR pin. The interrupt causes are the
following:
(a) Setup ready for the 8-byte setup data
(b) EP0 receive packet ready
(c) EP0 transmit packet ready
(d) EP1 transmit/receive packet ready
(e) EP2 transmit/receive packet ready
(f) EP3 transmit/receive packet ready
(g) EP4 transmit/receive packet ready
(h) EP5 transmit/receive packet ready
(i) SOF
(j) USB Bus reset assert
(k) USB Bus reset de-assert
(l) Suspend
(m) Awake
Although there is only one
INTR pin, the local MCU can identify the contents of the interrupt by reading out the
interrupt status register 1 (INTSTAT1) and the interrupt status register 2 (INTSTAT2). These interrupts can also be
masked dynamically by making individual settings in the interrupt enable register 1 (INTENBL1) and the interrupt
enable register 2 (INTENBL2).
The causes of the interrupts, their setting and resetting conditions, and the responses to them are described below.
The functions of the setup ready bit and the packet ready bit can, in some situations, be different from those
described here because of some special automatic operations done by the ML60852. Please see the descriptions of
the registers EP0STAT to EP5STAT for more details of such functions.
(1) Setup ready interrupt
Operation
Source of operation
Description (conditions, responses, etc.)
Setup ready
interrupt generation
ML60852
The setup ready bit (D2 of EP0STAT) is asserted when the
8-byte setup control data is received normally and has
been stored in the set of setup registers.
An interrupt is generated at this time if D1 of INTENBL1 has
been asserted.
→ The firmware can now read the set of setup registers.
End of setup ready interrupt Local MCU (firmware) After making the firmware read the 8-byte setup data, write
a “1” in bit D2 of EP0 status register (EP0STAT). This
causes the interrupt to be de-asserted.
The interrupt will not be de-asserted If a new 8-byte setup
data is received during this period. In this case, discard the
setup data that was being read at that time and read the
new 8-byte setup data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com