Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 26 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button ML60852 Datasheet HTML 22Page - OKI electronic componets ML60852 Datasheet HTML 23Page - OKI electronic componets ML60852 Datasheet HTML 24Page - OKI electronic componets ML60852 Datasheet HTML 25Page - OKI electronic componets ML60852 Datasheet HTML 26Page - OKI electronic componets ML60852 Datasheet HTML 27Page - OKI electronic componets ML60852 Datasheet HTML 28Page - OKI electronic componets ML60852 Datasheet HTML 29Page - OKI electronic componets ML60852 Datasheet HTML 30Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
26/81
(11) Operation of 2-layer structure FIFO during bulk transfer
The FIFOs of EP1 and EP2 have a 64 bytes x 2-layer structure. Also, when EP4 is assigned for bulk transfer, its
FIFO also has a 64-bytes x 2-layer structure. As a consequence, these FIFOs can temporarily store a maximum of
128 bytes of bulk transfer data.
(1) 2-Layer reception operation (“O” indicates the assert condition and “x” indicates de-assert condition)
In the case of 1
→2→3→4→5a→6
In the case of 1
→2→3→4→5b→6
Layer A
64 bytes
Layer B
64 bytes
Layer A
PKT
RDY
Layer B
PKT
RDY
EPn
receive
PKT
RDY
INTR
1
Start storing data in layer A of reception
x
x
x
x
2
Data of one packet has been stored.
x
3
Start reception and storing of data in
layer B.
x
4
Local MCU starts reading layer A.
x
5a
When the storing of packet in layer B is
completed following the completion of
reading layer A.
5b
When the reading of packet in layer A is
completed following the completion of
storing data in layer B.
xxx
x
6
From 5a: Layer A has become empty.
From 5b: Layer B has become full.
x
7
Starting reading layer B also.
x
• When one packet of receive data is stored in layer A of the FIFO and EOP is received, the ML60852 asserts the
packet ready bit of EPn and also asserts the
INTR pin. This makes it possible for the local MCU to read the
receive data.
• Subsequently, data can be received from the host, and the ML60852 switches the FIFO for storing to layer B.
• When one packet of data described above has been read from layer A of the FIFO, make the local MCU reset the
receive packet ready status of EPn (by writing a “1” into bit D0 of EPnSTAT).
• At the time the EPn receive packet ready status is reset, if the reception of layer B has not been completed, the
ML60852 resets the EPn receive packet ready status and de-asserts the
INTR pin.
• However, if the reception of layer B has been completed a the time the EPn receive packet ready status is reset,
the ML60852 rejects the request from the local MCU to reset the EPn receive packet ready status, and continues
to maintain the EPn receive packet ready status and the asserted condition of the
INTR pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com