Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 44 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 44 Page - OKI electronic componets

Back Button ML60852 Datasheet HTML 40Page - OKI electronic componets ML60852 Datasheet HTML 41Page - OKI electronic componets ML60852 Datasheet HTML 42Page - OKI electronic componets ML60852 Datasheet HTML 43Page - OKI electronic componets ML60852 Datasheet HTML 44Page - OKI electronic componets ML60852 Datasheet HTML 45Page - OKI electronic componets ML60852 Datasheet HTML 46Page - OKI electronic componets ML60852 Datasheet HTML 47Page - OKI electronic componets ML60852 Datasheet HTML 48Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
44/81
Device Address Register (DVCADR)
Address
0 x 20
Type
7-bit data
Access type
Read/Write
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
0
0
0000
00
After a bus reset
Definition
Device address (R/W)
The device address given by a SET_ADDRESS request from the host is written in this register by the local MCU.
Thereafter, the ML60852 judges the specified address in the token from the host, and this device will process only
the token packets sent to this device address.
Bit D7 is fixed at “0”, and even if a “1” is written, it will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com