Electronic Components Datasheet Search
  English  ▼

X  

ML60852 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML60852
Description  USB Device Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60852 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML60852 Datasheet HTML 9Page - OKI electronic componets ML60852 Datasheet HTML 10Page - OKI electronic componets ML60852 Datasheet HTML 11Page - OKI electronic componets ML60852 Datasheet HTML 12Page - OKI electronic componets ML60852 Datasheet HTML 13Page - OKI electronic componets ML60852 Datasheet HTML 14Page - OKI electronic componets ML60852 Datasheet HTML 15Page - OKI electronic componets ML60852 Datasheet HTML 16Page - OKI electronic componets ML60852 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
PEDL60852-01
1Semiconductor
ML60852
13/81
(3) Endpoints and FIFOs
In the ML60852, it is possible to select, by making appropriate setting in the SYSCON register, the 5EP mode in
which there are five end points or the 6EP mode in which there are six end points. Although the transfer mode that
can be used by EP0 is fixed, it is possible to select either the bulk transfer mode or the interrupt transfer mode for the
end points EP1, EP2, and EP3, and one of the modes of isochronous, bulk, or interrupt transfer can be selected for
EP4 and EP5. In addition, it is possible to selectively set the direction of data transfer for EP1 to EP5.
5EP Mode
6EP Mode
End
point
FIFO
Capacity
Transfer
mode
Remarks
FIFO
Capacity
Transfer
mode
Remarks
EP0
Reception 32
Transmission 32
C
Reception 32
Transmission 32
Control transfer
EP1
64x2
B/Int
(IN/OUT)
DMA
Possible
64x2
B/Int
(IN/OUT)
DMA
Possible
EP2
64x2
B/Int
(IN/OUT)
DMA
Possible
64x2
B/Int
(IN/OUT)
DMA
Possible
EP3
32
B/Int
(IN/OUT)
Rate
32
B/Int
(IN/OUT)
Rate
EP4
512x2
(64x2)
Iso/B/Int
(IN/OUT)
DMA
Possible
256x2 (64x2)
Iso/B/Int
(IN/OUT)
DMA
Possible
EP5
—
—
256x2 (64x2)
Iso/B/Int
(IN/OUT)
DMA
Possible
FIFO Capacity: The unit is bytes.
Note: Transfer modes:
C = Control transfer
B = Bulk transfer
Int = Interrupt transfer
Iso = Isochronous transfer
Rate = Compatible with data sequence toggling of rate feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com