| Electronic Components Datasheet Search |
|
ML9044 Datasheet(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML9044 Datasheet(HTML) 4 Page - OKI electronic componets |
|
4 / 55 page ![]() ¡ Semiconductor ML9044 4/54 PIN DESCRIPTIONS Symbol Description R/W The input pin with a pull–up resistor to select Read (“H”) or Write (“L”) in the Parallel I/F Mode. This pin should be open in the Serial I/F Mode. RS0, RS1 RS1 RS0 Name of register H H Data register H L Instruction register L L Expansion Instruction register The input pins with a pull–up resistor– to select a register in the Parallel I/F Mode. This pin should be open in the Serial I/F Mode. E The input pin for data input/output between the CPU and the ML9044 and for activating instructions in the Parallel I/F Mode. This pin should be open in the Serial I/F Mode. DB0 to DB3 The input/output pins to transfer data of lower–order 4 bits between the CPU and the ML9044 in the Parallel I/F Mode. Each pin is equipped with a pull–up resistor. These 4 lines are not used for the 4–bit interface. This pin should be open in the Serial I/F Mode. DB4 to DB7 The input/output pins to transfer data of upper 4 bits between the CPU and the ML9044 in the Parallel I/F Mode. Each pin is equipped with a pull–up resistor. This pin should be open in the Serial I/F Mode. OSC1 OSC2 OSCR The clock oscillation pins required for LCD drive signals and the operation of the ML9044 by instructions sent from the CPU. To input external clock, the OSC1 pin should be used. The OSCR and the OSC2 pins should be open. To start oscillation with an external resistor, the resistor should be connected between the OSC1 and OSC2 pins. The OSCR pin should be open. To start oscillation with an internal resistor, the OSC2 and OSCR pins should be short–circuited outside the ML9044. The OSC1 pin should be open. COM1 to COM17 The LCD common signal output pins. For 1/9 duty, non–selectable voltage waveforms are output via COM10 to COM17. For 1/12 duty, non–selectable voltage waveforms are output via COM13 to COM17. SEG1 to SEG120 The LCD segment signal output pins. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |