Electronic Components Datasheet Search
  English  ▼

X  

ML9044 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9044
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9044 Datasheet HTML 2Page - OKI electronic componets ML9044 Datasheet HTML 3Page - OKI electronic componets ML9044 Datasheet HTML 4Page - OKI electronic componets ML9044 Datasheet HTML 5Page - OKI electronic componets ML9044 Datasheet HTML 6Page - OKI electronic componets ML9044 Datasheet HTML 7Page - OKI electronic componets ML9044 Datasheet HTML 8Page - OKI electronic componets ML9044 Datasheet HTML 9Page - OKI electronic componets ML9044 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
¡ Semiconductor
ML9044
6/54
P/S
The input pin to select the parallel or serial interface.
“L” selects the parallel interface.
“H” selects the serial interface.
CS
The pin to enable this IC in the serial I/F mode.
“L” enables this IC.
“H” disables this IC.
This pin should be open in the parallel I/F mode.
SHT
The pin to input shift clock in the serial I/F mode.
Data inputting to the SI pin is carried out synchronizing with the rising edge of this
clock signal.
Data outputting from the SO pin is carried out synchronizing with the falling edge of this
clock signal.
This pin should be open in the parallel I/F mode.
SI
The pin to input DATA in the serial I/F mode.
Data inputting to this pin is carried out synchronizing with the rising edge of the SHT
signal.
This pin should be open in the parallel I/F mode.
SO
The pin to output DATA in the serial I/F mode.
Data inputting to this pin is carried out synchronizing with the falling edge of the SHT
signal.
This pin should be open in the parallel I/F mode.
Symbol
Description
T1, T2, T3
The input pins for test circuits (normally open). Equipped with a pull–down resistor.
VDD
The power supply pin.
GND
The ground level input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com