Electronic Components Datasheet Search
  English  ▼

X  

ML9044 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9044
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9044 Datasheet HTML 3Page - OKI electronic componets ML9044 Datasheet HTML 4Page - OKI electronic componets ML9044 Datasheet HTML 5Page - OKI electronic componets ML9044 Datasheet HTML 6Page - OKI electronic componets ML9044 Datasheet HTML 7Page - OKI electronic componets ML9044 Datasheet HTML 8Page - OKI electronic componets ML9044 Datasheet HTML 9Page - OKI electronic componets ML9044 Datasheet HTML 10Page - OKI electronic componets ML9044 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
¡ Semiconductor
ML9044
7/54
ABSOLUTE MAXIMUM RATINGS
Note:
This voltage should be applied across VDD and V5. The following voltages are output
to the V1, V2, V3A (V3B) and V4 pins:
• 1/4 bias
V1 = {VDD–(VDD–V5)/4} ±0.15V
V2 = V3B= {VDD–(VDD–V5)/2} ±0.15V
V4 = {VDD–3 ¥ (VDD–V5)/4 } ±0.15V
• 1/5 bias
V1 = {VDD–(VDD–V5)/5} ±0.15V
V2 = {VDD–2 ¥ (VDD–V5)/5} ±0.15V
V3A = V3B= {VDD–3 ¥ (VDD–V5)/5} ±0.15V
V4 = {VDD–4 ¥ (VDD–V5)/5} ±0.15V
The voltages at the V1, V2, V3A (V3B), V4 and V5 pins should satisfy
VDD>V1>V2>V3A(V3B)>V4>V5.
(Higher ¨Æ Lower)
* Do not apply short–circuiting across output pins and across an output pin and an
input/output pin or the power supply pin in the output mode.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Rating
Unit
Applicable pins
(GND = 0V)
Supply Voltage
VDD
Ta = 25°C
–0.3 to +6.5
V
VDD – GND
LCD Driving Voltage
V1, V2, V3,
V4, V5
Ta = 25°C
VDD – 7.5 to VDD+0.3
V
V1, V4, V5, V5IN,
V2, V3A, V3B
Input Voltage
VI
Ta = 25°C
–0.3 to VDD+0.3
V
R/W, E, SHT, CSR,
P/S, SSR, SI, RS0,
RS1, BEB, CS,
T1 to T3, DB0 to DB7,
VIN
Storage Temperature
TSTG
—
–55 to +125
°C
—
Parameter
Symbol
Condition
Range
Unit Applicable pins
(GND = 0V)
Supply Voltage
VDD
—
2.5 to 5.5
V
VDD–GND
Input Voltage
VIN
BEB = 1
VDD–1.40 to
VDD–3.5
VVDD–VIN
LCD Driving Voltage
VDD–V5
(See Note)
—
2.8 to 7.0
V
VDD–V5
(V5IN)
Operating Temperature
Top
—
–40 to +85
°C
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com