Electronic Components Datasheet Search
  English  ▼

X  

ML9044 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML9044
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML9044 Datasheet HTML 6Page - OKI electronic componets ML9044 Datasheet HTML 7Page - OKI electronic componets ML9044 Datasheet HTML 8Page - OKI electronic componets ML9044 Datasheet HTML 9Page - OKI electronic componets ML9044 Datasheet HTML 10Page - OKI electronic componets ML9044 Datasheet HTML 11Page - OKI electronic componets ML9044 Datasheet HTML 12Page - OKI electronic componets ML9044 Datasheet HTML 13Page - OKI electronic componets ML9044 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
¡ Semiconductor
ML9044
10/54
Note 1:
Applied to the voltage drop occurring between any of the VDD, V1, V4 and V5 pins and
any of the common pins (COM1 to COM17) when the current of 4mA flows in or flows
out at one common pin.
Also applied to the voltage drop occurring between any of the VDD, V2, V3A (V3B) and
V5 pins and any of the segment pins (SEG1 to SEG120) when the current of 4mA flows
in or flows out at one common pin.
The current of 4mA flows out when the output level is VDD or flows in when the output
level is V5.
Note 2:
Applied to the current flowing into the VDD pin when the external clock (fosc2 = fin =
270 kHz) is fed to the internal Rf oscillation or OSC1 under the following conditions:
VDD = 5V
GND = V5 = 0V,
V1, V2, V3A (V3B) and V4: Open
E, SSR, CSR, and BEB: “L” (fixed)
Other input pins: “L” or “H” (fixed)
Other output pins: No load
OSC1
OSCR
OSC2
The wire between OSC2 and OSCR should be as short
as possible. Keep OSC1 open.
OSC1
OSCR
OSC2
The wire between OSC1 and Rf and the wire between
OSC2 and Rf should be as short as possible.
Keep OSCR open.
Rf = 120kW±2%
tHW
tLW
VDD
2
fIN
waveform
VDD
2
VDD
2
Applied to the pulses entering from the OSC1 pin
fduty = tHW/ (tHW + tLW) ¥ 100 (%)
Note 3:
Note 4:
Note 5:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com