Electronic Components Datasheet Search
  English  ▼

X  

ML9044 Datasheet(PDF) 40 Page - OKI electronic componets

Part # ML9044
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044 Datasheet(HTML) 40 Page - OKI electronic componets

Back Button ML9044 Datasheet HTML 36Page - OKI electronic componets ML9044 Datasheet HTML 37Page - OKI electronic componets ML9044 Datasheet HTML 38Page - OKI electronic componets ML9044 Datasheet HTML 39Page - OKI electronic componets ML9044 Datasheet HTML 40Page - OKI electronic componets ML9044 Datasheet HTML 41Page - OKI electronic componets ML9044 Datasheet HTML 42Page - OKI electronic componets ML9044 Datasheet HTML 43Page - OKI electronic componets ML9044 Datasheet HTML 44Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
¡ Semiconductor
ML9044
40/54
LCD Drive Waveforms
The COM and SEG waveforms (AC signal waveforms for display) vary according to the duty (1/
9, 1/12 and 1/17 duties). See 1) to 3) below.
The relationship between the duty ratio and the frame frequency is as follows:
Note:
At an oscillation frequency (OSC) of 270 kHz
(1) Driving the LCD of one 24–character line (1/9 duty, CSR = L, AS = 0) under the conditions
of the 1–line display mode and the character font of 5 ¥ 7 dots
• COM10 to COM17 output Display–OFF common signals.
Duty ratio
Frame Frequency
1/9
75.0Hz
1/12
56.3Hz
1/17
79.4Hz
COM1
Character
Cursor
Arbitrator
COM8
COM9
SEG1
SEG120
ML9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com