Electronic Components Datasheet Search
  English  ▼

X  

ML9044 Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML9044
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML9044 Datasheet HTML 12Page - OKI electronic componets ML9044 Datasheet HTML 13Page - OKI electronic componets ML9044 Datasheet HTML 14Page - OKI electronic componets ML9044 Datasheet HTML 15Page - OKI electronic componets ML9044 Datasheet HTML 16Page - OKI electronic componets ML9044 Datasheet HTML 17Page - OKI electronic componets ML9044 Datasheet HTML 18Page - OKI electronic componets ML9044 Datasheet HTML 19Page - OKI electronic componets ML9044 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
¡ Semiconductor
ML9044
16/54
Address Counter (ADC)
The address counter provides a read/write address for the DDRAM, ABRAM or CGRAM and
also provides a cursor display address.
When an instruction code specifying DDRAM, ABRAM or CGRAM address setting is input to
the pre–defined register, the register selects the specified DDRAM, ABRAM or CGRAM and
transfers the address code to the ADC. The address data in the ADC is automatically incremented
(or decremented) by 1 after the display data is written in or read from the DDRAM, ABRAM or
CGRAM.
The data in the ADC is output to DB0 to DB6 when R/W = “H”, RS0 = “L”, RS1 = “H” and BF =
“0”.
Timing Generator
The timing generator generates timing signals for the internal operation of the ML9044 activated
by the instruction sent from the CPU or for the operation of the internal circuits of the ML9041
such as DDRAM, ABRAM, CGRAM and CGROM. Timing signals are generated so that the
internal operation carried out for LCD displaying will not be interfered by the internal operation
initiated by accessing from the CPU. For example, when the CPU writes data in the DDRAM,
the display of the LCD not corresponding to the written data is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com