Electronic Components Datasheet Search
  English  ▼

X  

ML9044 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML9044
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML9044 Datasheet HTML 8Page - OKI electronic componets ML9044 Datasheet HTML 9Page - OKI electronic componets ML9044 Datasheet HTML 10Page - OKI electronic componets ML9044 Datasheet HTML 11Page - OKI electronic componets ML9044 Datasheet HTML 12Page - OKI electronic componets ML9044 Datasheet HTML 13Page - OKI electronic componets ML9044 Datasheet HTML 14Page - OKI electronic componets ML9044 Datasheet HTML 15Page - OKI electronic componets ML9044 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
¡ Semiconductor
ML9044
12/54
Switching Characteristics (The following ratings are subject to change after ES evaluation.)
• Parallel Interface Mode
The timing for the input from the CPU (see 1) and the timing for the output to the CPU (see 2)
are as shown below:
1) WRITE MODE (Timing for input from the CPU)
(VDD = 2.5 to 5.5V, Ta = –40 to +85°C)
Parameter
Symbol
Unit
Min
Typ
Max
R/W, RS0, RS1 Setup time
40
—
—
tB
ns
E Pulse Width
450
—
—
tW
ns
R/W, RS0, RS1 Hold time
10
—
—
tA
ns
E Rise Time
—
—
25
tr
ns
E Fall Time
—
—
25
tf
ns
E Pulse Width
430
—
—
tL
ns
E Cycle Time
1000
—
—
tC
ns
DB0 to DB7 Input Data Hold time
195
—
—
tI
ns
DB0 to DB7 Input Data Setup time
10
—
—
tH
ns
RS1, RS0
VIH
VIL
VIH
VIL
VIL
VIL
VIL
VIL
VIL
VIH
VIH
VIH
VIL
VIH
VIL
R/W
E
DB0 to DB7
tL
tB
tW
tr
tf
tA
tH
tI
Input
Data
tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com