Electronic Components Datasheet Search
  English  ▼

X  

ML9044 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML9044
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044 Datasheet(HTML) 5 Page - OKI electronic componets

  ML9044 Datasheet HTML 1Page - OKI electronic componets ML9044 Datasheet HTML 2Page - OKI electronic componets ML9044 Datasheet HTML 3Page - OKI electronic componets ML9044 Datasheet HTML 4Page - OKI electronic componets ML9044 Datasheet HTML 5Page - OKI electronic componets ML9044 Datasheet HTML 6Page - OKI electronic componets ML9044 Datasheet HTML 7Page - OKI electronic componets ML9044 Datasheet HTML 8Page - OKI electronic componets ML9044 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
¡ Semiconductor
ML9044
5/54
SSR
The input pin to select the transfer direction of the segment signal output data.
“L”: Data transfer from SEG1 to SEG120
“H”: Data transfer from SEG120 to SEG1
V1, V2, V3A, V3B, V4
The pins to output bias voltages to the LCD.
For 1/4 bias : The V2 and V3B pins are shorted.
For 1/5 bias : The V3A and V3B pins are shorted.
BEB
The input pin to enable or disable the voltage multiplier circuit.
“L” disables the voltage multiplier circuit. “H” enables the voltage multiplier circuit.
The voltage multiplier circuit doubles the input voltage VIN and outputs it to the V5IN pin.
The voltage multiplier circuit can be used only when generating a level lower than GND.
VIN
The pin to input voltage to the voltage multiplier.
V5, V5IN
The pins to supply the LCD drive voltage.
The LCD drive voltage is supplied to the V5 pin when the voltage multiplier is not used
(BEB = 0) and the internal contrast adjusting circuit is also not used. At this time, the
V5IN pin should be open.
The LCD drive voltage is supplied to the V5IN pin when the voltage multiplier is not used
(BEB = 0) but the internal contrast adjusting circuit is used. At this time, the V5 pin
should be open.
When the voltage multiplier is used (BEB = 1), the V5IN and V5 pins should be open (the
multiplied voltage is output to the V5IN pin). In this case, the internal contrast adjusting
circuit is used automatically.
VC
The pin to connect the positive pin of the capacitor for the voltage multiplier.
VCC
The pin to connect the negative pin of the capacitor used for the voltage multiplier.
CSR
The input pin to select the transfer direction of the common signal output data.
Refer to the Expansion Instruction Codes section about the AS bit.
CSR
duty
AS bit
shift direction
arbitrator's common pin
L
1/9
L
COM1 Æ COM9
COM9
L
1/9
H
COM2 Æ COM9, COM1
COM1
L
1/12
L
COM1 Æ COM12
COM12
L
1/12
H
COM2 Æ COM12, COM1
COM1
L
1/17
L
COM1 Æ COM17
COM17
L
1/17
H
COM2 Æ COM17, COM1
COM1
H
1/9
L
COM9 Æ COM1
COM1
H
1/9
H
COM8 Æ COM1, COM9
COM9
H
1/12
L
COM12 Æ COM1
COM1
H
1/12
H
COM11 Æ COM1, COM12
COM12
H
1/17
L
COM17 Æ COM1
COM1
H
1/17
H
COM16 Æ COM1, COM17
COM17
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com