Electronic Components Datasheet Search
  English  ▼

X  

ML9050 Datasheet(PDF) 39 Page - OKI electronic componets

Part # ML9050
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9050 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button ML9050 Datasheet HTML 35Page - OKI electronic componets ML9050 Datasheet HTML 36Page - OKI electronic componets ML9050 Datasheet HTML 37Page - OKI electronic componets ML9050 Datasheet HTML 38Page - OKI electronic componets ML9050 Datasheet HTML 39Page - OKI electronic componets ML9050 Datasheet HTML 40Page - OKI electronic componets ML9050 Datasheet HTML 41Page - OKI electronic componets ML9050 Datasheet HTML 42Page - OKI electronic componets ML9050 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
¡ Semiconductor
ML9050/9051
39/71
PEDL9050-02
LIST OF COMMANDS
76543210
RD
1
10101110
1
1
1
2
01Address
1
A0
0
0
0
WR
No
Operation
Dn
Comment
0
0
0
Display OFF
Display ON
LCD Display:
OFF When D0 = 0 ON When D0 = 1
Display start line set
The display starting line address in the
display RAM is set.
3
1011Address
1
00
Page address set
The page address in the display RAM is
set.
4
0001Address
(upper)
0000Address
(lower)
1
1
0
0
0
0
Column address set
(upper bits)
Column address set
(lower bits)
The upper 4 bits of the column address in
the display RAM is set.
The lower 4 bits of the column address in
the display RAM is set.
5
Status0000
0
01
Status read
The status information is read out from
the upper 4 bits.
6
Write data
1
10
Display data write
Writes data to the display data RAM.
7
Read data
0
11
Display data read
Reads data from the display data RAM.
8
10100000
1
1
1
0
0
0
0
ADC Select Forward
Reverse
Correspondence between the display data
RAM address and SEG output.
Forward when D0 = 0;
reverse when D0 = 1
9
10100110
1
1
1
0
0
0
0
Normal display
Reverse display
Normal or reverse LCD display mode.
Normal mode when D0 = 0;
reverse when D0 = 1
10
10100100
1
1
1
0
0
0
0
LCD Normal display
All-on display
LCD
Normal display when D0 = 0;
all-on display when D0 = 1
11
10100010
1
1
1
0
0
0
0
LCD Bias set
Sets the LCD drive voltage bias ratio.
ML9050: 1/9 when D0 = 0 and 1/7 when
D0 = 1
ML9051: 1/8 when D0 = 0 and 1/6 when
D0 = 1
12
11100000
1
00
Read-modify-write
Incrementing column address
During a write: +1; during a read: 0
13
11101110
1
00
End
Releases the read-modify-write state.
14
11100010
1
00
Reset
Internal reset
15
11000***
1***
1
1
0
0
0
0
Common output state select
Selects the COM output scanning direction.
Forward when D3 = 0;
reverse when D3 = 1
16
00101
Operating state
1
00
Power control set
Selects the operating state of the internal
power supply.
17
00100
Resistor ratio setting
1
00
Voltage V1 adjustment
internal resistor ratio set
Selects the internal resistor ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com