| Electronic Components Datasheet Search |
|
ML9050 Datasheet(PDF) 9 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML9050 Datasheet(HTML) 9 Page - OKI electronic componets |
|
9 / 71 page ![]() ¡ Semiconductor ML9050/9051 9/71 PEDL9050-02 FUNCTIONAL DESCRIPTION MPU Interface • Selection of interface type The ML9050/9051 carries out data transfer using either the 8-bit bi-directional data bus (D7 to D0) or the serial data input line (SI). Either the 8-bit parallel data input or serial data input can be selected as shown in Table 1 by setting the P/S pin to the "H" or the "L" level. Table 1 P/ S CS1 CS2 A0 RD WR C86 D7 D6 D5 to D0 H: Parallel input L: Serial input CS1 CS1 CS2 CS2 A0 A0 RD — WR — C86 — D7 SI D6 SCL D5 to D0 (HZ) A hyphen (—) indicates that the pin can be tied to the "H" or the "L" level. • Parallel interface When the parallel interface is selected, (P/S = "H"), it is possible to connect this LSI directly to the MPU bus of either an 80-series MPU or a 68-series MPU as shown in Table 2 depending on whether the pin C86 is set to "H" or "L". Table 2 P/ S CS1 CS2 A0 RD WR D7 to D0 H: 68-Series MPU bus L: 80-Series MPU bus CS1 CS1 CS2 CS2 A0 A0 E RD R/W WR D7 to D0 D7 to D0 The data bus signals are identified as shown in Table 3 below depending on the combination of the signals A0, RD(E), and WR(R/W) of Table 2. Table 3 Common 68-Series 80-Series A0 R/ WRD WR Display data read Display data write Status read Control data write (command) 1 1 0 0 1 0 1 0 0 1 0 1 1 0 1 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |