Electronic Components Datasheet Search
  English  ▼

X  

ML9050 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9050
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9050 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9050 Datasheet HTML 2Page - OKI electronic componets ML9050 Datasheet HTML 3Page - OKI electronic componets ML9050 Datasheet HTML 4Page - OKI electronic componets ML9050 Datasheet HTML 5Page - OKI electronic componets ML9050 Datasheet HTML 6Page - OKI electronic componets ML9050 Datasheet HTML 7Page - OKI electronic componets ML9050 Datasheet HTML 8Page - OKI electronic componets ML9050 Datasheet HTML 9Page - OKI electronic componets ML9050 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
¡ Semiconductor
ML9050/9051
6/71
PEDL9050-02
Function
Pin name
Number
of pins
Description
I/O
ML9050
V2
8/9
¥ V1
6/7
¥ V1
V3
7/9
¥ V1
5/7
¥ V1
V4
2/9
¥ V1
2/7
¥ V1
V5
1/9
¥ V1
1/7
¥ V1
Power
supply
circuit
2—
VRS
This is the external input VREG power supply for the LCD power supply
voltage adjustment circuit.
(This pin should be left open when not used as an external input)
This pin is effective only in the case of optional devices with the VREG
external input option.
2O
VOUT
These are the output pins during voltage multiplication. Connect a
capacitor between these pins and VSS.
10
—
V1
V2
V3
V4
V5
These are the multiple level power supply pins for the LCD power supply.
The voltages specified for the LCD cells are applied to these pins after
resistor network voltage division or after impedance transformation using
operational amplifiers. The voltages are specified taking VSS as the
reference, and the following relationship should be maintained among
them.
V1
≥ V2 ≥ V3 ≥ V4 ≥ V5 ≥ VSS
Master operation: When the power supply is ON, the following voltages
are applied to V2 to V5 from the built-in power supply circuit. The
selection of voltages is determined by the LCD bias set command.
2I
VR
Voltage adjustment pins. Voltages between V1 and VSS are applied
using a resistance voltage divider.
These pins are effective only when the internal resistors for voltage V1
adjustment are not used (IRS = "L").
Do not use these pins when the internal resistors for voltage V1
adjustment are used (IRS = "H").
2O
VC1+
These are the pins for connecting the positive side of the capacitors for
voltage multiplication.
Connect capacitors between VS1– and these pins.
2O
VS1–
These are the pins for connecting the negative side of the capacitors for
voltage multiplication.
Connect capacitors between these pins and VC1+, VC3+, and VC5+.
ML9051
V2
7/8
¥ V1
5/6
¥ V1
V3
6/8
¥ V1
4/6
¥ V1
V4
2/8
¥ V1
2/6
¥ V1
V5
1/8
¥ V1
1/6
¥ V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com