Electronic Components Datasheet Search
  English  ▼

X  

ML9050 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML9050
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9050 Datasheet(HTML) 5 Page - OKI electronic componets

  ML9050 Datasheet HTML 1Page - OKI electronic componets ML9050 Datasheet HTML 2Page - OKI electronic componets ML9050 Datasheet HTML 3Page - OKI electronic componets ML9050 Datasheet HTML 4Page - OKI electronic componets ML9050 Datasheet HTML 5Page - OKI electronic componets ML9050 Datasheet HTML 6Page - OKI electronic componets ML9050 Datasheet HTML 7Page - OKI electronic componets ML9050 Datasheet HTML 8Page - OKI electronic componets ML9050 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
¡ Semiconductor
ML9050/9051
5/71
PEDL9050-02
Function
Pin name
Number
of pins
Description
I/O
M/S CLS
CL
"H"
"H"
"L"
Output
Input
"L"
"H"
"L"
Input
Input
Display
timing
generator
circuit
1
I/O
CL
This is the display clock input/output pin.
The function of this pin will be as follows depending on the states of M/S
and CLS signals.
When the ML9050/9051 is used in the master/slave mode, the
corresponding CL pin has to be connected.
1
I/O
FR
This is the input/output pin for LCD display frame reversal signal.
M/S = "H": Output
M/S = "L": Input
When the ML9050/9051 is used in the master/slave mode, the
corresponding FR pin has to be connected.
1
I/O
DOF
This is the blanking control pin for the LCD display.
M/S = "H": Output
M/S = "L": Input
When the ML9050/9051 is used in the master/slave mode, the
corresponding DOF pin has to be connected.
1O
FRS
This is the output pin for static drive.
This pin is used in combination with the FR pin.
Power
supply
circuit
1I
IRS
This is the pin for selecting the resistor for adjusting the voltage V1.
IRS = "H": The internal resistor is used.
IRS = "L": The internal resistor is not used. The voltage V1 is adjusted
using the external potential divider resistors connected to the pins VR.
This pin is effective only in the master operation. This pin is tied to the
"H" or the "L" level during slave operation.
1I
HPM
This is the power control pin for the LCD drive power supply circuit.
HPM = "H": Normal mode
HPM = "L": High power mode
This pin is effective only during master operation mode. This pin is tied to
the "H" or the "L" level during slave operation.
13
—
VDD
This pin is tied to the MPU power supply terminal VCC.
9—
VSS
This is the 0 V pin connected to the system ground (GND).
4—
VIN
This is the reference power supply of the voltage multiplier circuit for
driving the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com