Electronic Components Datasheet Search
  English  ▼

X  

ML9050 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9050
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9050 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9050 Datasheet HTML 3Page - OKI electronic componets ML9050 Datasheet HTML 4Page - OKI electronic componets ML9050 Datasheet HTML 5Page - OKI electronic componets ML9050 Datasheet HTML 6Page - OKI electronic componets ML9050 Datasheet HTML 7Page - OKI electronic componets ML9050 Datasheet HTML 8Page - OKI electronic componets ML9050 Datasheet HTML 9Page - OKI electronic componets ML9050 Datasheet HTML 10Page - OKI electronic componets ML9050 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
¡ Semiconductor
ML9050/9051
7/71
PEDL9050-02
Function
Pin name
Number
of pins
Description
I/O
RAM Data
FR
Output voltage
Normal display
Reverse display
H
H
V1
V3
H
L
VSS
V4
L
H
V3
V1
L
L
V4
VSS
Power save
—
VSS
Power
supply
circuit
2O
VS2–
These are the pins for connecting the negative side of the capacitors for
voltage multiplication.
Connect capacitors between these pins and VC2+, VC4+, and VC6+
(during 7-times voltage multiplication).
2O
VC3+
These are the pins for connecting the positive side of the capacitors for
voltage multiplication.
Connect capacitors between VS1– and these pins.
2O
VC4+
These are the pins for connecting the positive side of the capacitors for
voltage multiplication.
Connect capacitors between VS2– and these pins.
2O
VC5+
These are the pins for connecting the positive side of the capacitors for
voltage multiplication.
Connect capacitors between VS1– and these pins.
2O
VC6+
These are the pins for connecting the positive side of the capacitors for
voltage multiplication.
Connect capacitors between VS2– and these pins (during 7-times voltage
multiplication).
For 6-times voltage multiplication, connect these pins to the VOUT pin.
LCD
Drive
output
132
O
SEG0 to
SEG131
These are the LCD segment drive outputs.
One of the levels among V1, V3, V4, and VSS is selected depending on the
combination of the display RAM content and the FR signal.
2O
VC2+
These are the pins for connecting the positive side of the capacitors for
voltage multiplication.
Connect capacitors between VS2– and these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com