Electronic Components Datasheet Search
  English  ▼

X  

ML9050 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9050
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9050 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9050 Datasheet HTML 1Page - OKI electronic componets ML9050 Datasheet HTML 2Page - OKI electronic componets ML9050 Datasheet HTML 3Page - OKI electronic componets ML9050 Datasheet HTML 4Page - OKI electronic componets ML9050 Datasheet HTML 5Page - OKI electronic componets ML9050 Datasheet HTML 6Page - OKI electronic componets ML9050 Datasheet HTML 7Page - OKI electronic componets ML9050 Datasheet HTML 8Page - OKI electronic componets ML9050 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
¡ Semiconductor
ML9050/9051
1/71
PEDL9050-02
¡ Semiconductor
ML9050/9051
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
GENERAL DESCRIPTION
The ML9050/9051 is an LSI for dot matrix graphic LCD devices carrying out bit map display.
This LSI can drive a dot matrix graphic LCD display panel under the control of an 8-bit
microcomputer. Since all the functions necessary for driving a bit map type LCD device are
incorporated in a single chip, using the ML9050/9051 makes it possible to realize a bit map type
dot matrix graphic LCD display system with only a few chips.
Since the bit map method in which one bit of display RAM data turns ON or OFF one dot in the
display panel, it is possible to carry out displays with a high degree of freedom such as Chinese
character displays, etc. With one chip, it is possible to construct a graphic display system with
a maximum of 132 ¥ 65 dots. The display can be expanded further using two chips.
The ML9050/9051 is made using a CMOS process. Because it has a built-in RAM, low power
consumption is one of its features, and is therefore suitable for displays in battery-operated
portable equipment.
The ML9050 has 65 common signal outputs and 132 segment signal outputs and one chip can
drive a display of up to 65 ¥ 132 dots.
The ML9051 has 49 common signal outputs and 132 segment signal outputs and one chip can
drive a display of up to 49 ¥ 132 dots.
This device is not resistant to radiation or to light.
FEATURES
• Direct display of the RAM data using the bit map method
Display RAM data "1" ... Dot is displayed
Display RAM data "0" ... Dot is not displayed
• Display RAM capacity
ML9050/9051: 65 ¥ 132 = 8580 dots
• LCD Drive circuits
ML9050: 65 common outputs, 132 segment outputs
ML9051: 49 common outputs, 132 segment outputs
• Microcomputer interface: Can select an 8-Bit parallel or serial interface
• Built-in voltage multiplier circuit for the LCD drive power supply
• Built-in LCD drive power supply adjustment circuit
• Built-in LCD drive bias resistors
• Line reversal drive/frame reversal drive (selected by a command)
• Built-in oscillator circuit (Internal RC oscillator/external clock input)
• A variety of commands
Read/write of display data, display ON/OFF, normal/reverse display, all dots ON/all dots
OFF, set page address, set display start address, etc.
• Power supply voltage
Logic power supply: VDD-VSS = 1.8 V to 5.5 V
Voltage multiplier reference voltage: VIN-VSS = 1.8 V to VDD
(5-Times multiplier Æ 1.8 V to 3.6 V, 6-times multiplier Æ 1.8 to 3 V, 7-times multiplier Æ 1.8
to 2.5 V)
LCD Drive voltage: VBI-VSS = 6.0 to 18 V
• Package: Gold bump chip, TCP
PEDL9050-02
This version: Dec. 1999
Previous version: Jun. 1999


Similar Part No. - ML9050

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
LCD Controller/Driver
ML9055A-02 OKI-ML9055A-02 Datasheet
377Kb / 59P
LCD Controller/Driver
ML9055A-02DVVAZ01L OKI-ML9055A-02DVVAZ01L Datasheet
377Kb / 59P
LCD Controller/Driver
ML9055A-02DVWA OKI-ML9055A-02DVWA Datasheet
377Kb / 59P
LCD Controller/Driver
More results

Similar Description - ML9050

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com