Electronic Components Datasheet Search
  English  ▼

X  

ML9050 Datasheet(PDF) 41 Page - OKI electronic componets

Part # ML9050
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9050 Datasheet(HTML) 41 Page - OKI electronic componets

Back Button ML9050 Datasheet HTML 37Page - OKI electronic componets ML9050 Datasheet HTML 38Page - OKI electronic componets ML9050 Datasheet HTML 39Page - OKI electronic componets ML9050 Datasheet HTML 40Page - OKI electronic componets ML9050 Datasheet HTML 41Page - OKI electronic componets ML9050 Datasheet HTML 42Page - OKI electronic componets ML9050 Datasheet HTML 43Page - OKI electronic componets ML9050 Datasheet HTML 44Page - OKI electronic componets ML9050 Datasheet HTML 45Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
¡ Semiconductor
ML9050/9051
41/71
PEDL9050-02
DESCRIPTION OF COMMANDS
Examples of settings for the instructions (reference examples)
• Initial setting
VDD-VSS Power supply ON
Power supply stabilization
RESET Input
Wait for more than 20ms *1
Initial settings state (default)
*2
Initial setting state complete
Function stabilization using command input (user settings)
LCD Bias set
ADC Select
Common output state selection
Line reversal / frame reversal drive method selection
Function stabilization using command input (user settings)
Function stabilization using command input (user settings)
Setting voltage V1 adjustment internal resistor ratio
Electronic potentiometer
Power control set
*3
*4
*5
*6
*7
*8
*9
Notes:
Sections to be referred to
*1:
Stabilization time of the internal oscillator
*2:
Function description "Reset circuit"
*3:
Command description "LCD Bias set"
*4:
Command description "ADC Select"
*5:
Command description "Common output state select"
*6:
Command description "Line reversal/frame reversal drive select"
*7:
Function description "Power supply circuit", Command description "Voltage V1 adjustment
internal resistor ratio set"
*8:
Function description "Power supply circuit", Command description "Electronic
potentiometer"
*9:
Function description "Power supply circuit", Command description "Power control set"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com