Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPC08A Datasheet HTML 1Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SPC08A
6.5KB SOUND CONTROLLER
1. GENERAL DESCRIPTION
The SPC08A is a CPU based one-channel speech/melody
synthesizer including CMOS 8-bit microprocessor with 69
instructions, 6.5K-byte ROM for speech and melody data (Speech
is compressed by a 4-bit ADPCM with approx. 2 sec speech
duration @ 7KHz sampling rate) and 64-byte working SRAM. It
includes one Timer/Counter, 18 Software Selectable I/Os and one
audio current output (D/A). For audio processing, melody and
speech can be mixed into one output. It operates over a wide
voltage range of 2.4V - 5.5V. In addition, the SPC08A has a
Clock Stop mode for power saving. The power saving mode
saves the RAM contents, but freezes the oscillator, causing all
other chip functions to be inoperative.
The Max. CPU clock
frequency is 3.0MHz. It has an Instruction Cycle Rate of 2 clock
cycles (min.) - 6 clock cycles (max.). The SPC08A includes, not
only the latest technology, but also the full commitment and
technical support of Sunplus.
2. BLOCK DIAGRAM
8-bit
microprocessor
6.5K-byte
ROM
64-byte
SRAM
One Timer
TimeBase
INT control
ONE
8-bit D/A
(current)
18
PINS
GENERAL
I/O
PORT
RESET
CLK
OSC
AUD1
AUD2
IOB5-0
(I/O)
IOC5-0
(I/O)
IOD5-0
(I/O)
XI
XO
RESET
Rosc
3. FEATURES
!
8-bit microprocessor
!
Provides 6.5K-byte ROM for program and audio data
!
64-byte working SRAM
!
Software-based audio processing
!
Wide operating voltage: 2.4V - 3.6V @ 1.5MHz
3.6V - 5.5V @ 3.0MHz
!
Supports Crystal Resonator or Rosc (with Bonding option)
!
Max. CPU clock: 1.5MHz @ 3.0V, 3.0MHz @ 5.0V
!
Standby mode (Clock Stop mode) for power saving.
Max. 2
µA @ 5.0V
!
500ns instruction cycle time @ 4.0MHz CPU clock
!
Provides 18 general I/Os
!
One 12-bit timer/counter
!
4 INT sources
!
Key wake-up function
!
Approx. 2 sec speech
@ 7KHz sampling rate with ADPCM
4. APPLICATION FIELD
!
Intelligent education toys
Ex. Pattern to voice (animal, car, color, etc.)
Spelling (English or Chinese)
Math
!
Toy controller
!
Talking instrument controller
!
General speech synthesizer
!
Industrial controller
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
3
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com