Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 14Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SPC08A
8.2. Current Mode DAC Speaker Driver
VDD
RB1
8050
RB1: 10K ~ 50K
RB2: 820 ~ 1.5K
C1: 0.1
µ F ~ 1µ F
RB2
AUD
VDD
C1
RB1
8050
AUD
VDD
C1
RB1
8050
AUD
C2
VDD
C1
RB1
8050
AUD
C2
Enable
RB2
RB2
VDD
RB1
8050
AUD
RE1
1N4148
Power
LM386
AUDP
RB1
20K
10
0.01
µ F
Figure 6
Figure 5
Figure 2
Figure 3
Figure 4
Figure 1
6
5
7
4
3
2
C1
C1: 0.1
µ F ~ 1µ F
RB1: 680 ~ 1.5K
32
Ω ~ 64Ω
4Ω ~ 8Ω
RB1: 2K~10K; C1: 1
µ F~10µ F
RB2: ~1K;
C2: ~0.1
µ F
4Ω ~ 64Ω
4Ω ~ 64Ω
RB1: 2K~10K; C1: 1
µ F~10µ F
RB2: ~1K;
C2: ~0.1
µ F
4Ω ~ 8Ω
0.1
µ F
220
µ F
RB1: ~ 360
Ω (Vol)
RB2: ~ 4.7
Ω
Figure 1: The simplest CKT uses a low impedance speaker. It has high operation current, but has lowest cost.
Figure 2: It is the same as Figure 1 but a high impedance speaker is used.
Figure 3: The CKT contains a low pass filter. It is capable of providing higher speech quality, but it takes higher operation current.
Figure 4: Improved version of Figure 3. The standby current can be controlled by the enable pin.
Figure 5: The current mirror mode. It is able to control the volume. In addition, it has more stable and lower operation current than Figure 1-3.
Figure 6: High quality, low operation current CKT, but more expensive.
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
11
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com