Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SPC08A Datasheet HTML 1Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SPC08A
5. SIGNAL DESCRIPTIONS*
Mnemonic
PIN No.
Type
Description
VDD
8
I
POWER VDD
VSS
11
I
POWER VSS
XI
1
I
CRYSTAL OSC IN or RESISTOR
XO
40
O
CRYSTAL OSC OUT
OPT***
8A
I
Rosc OPTION connect to VDD
RESET
39
I
RESET
TEST
35
I
TEST MODE
AUD
3
O
AUDIO OUTPUT
IOA0
IOA1
IOA2
IOA3
IOA4
IOA5
34
33
32
31
30
29
I/O
I/O
I/O
I/O
I/O
I/O
Port A is a 6-bit bi-directional programmable Input / Output port with Pull-high or
Open-drain option. As inputs, Port A can be in either the Pure or Pull-high states.
As outputs, Port A can be either Buffer or Open-drain NMOS types (Sink current).
**See note 1 and 2 below.
IOB0
IOB1
IOB2
IOB3
IOB4
IOB5
28
24
23
22
21
20
I/O
I/O
I/O
I/O
I/O
I/O
Port B is a 6-bit bi-directional programmable Input / Output port with Pull-low or
Open-drain option. As inputs, Port B can be in either the Pure or Pull-low states. As
outputs, Port B can be either Buffer or Open-drain NMOS types (Sink current).
IOC1: EXT INT IN
IOC2: EXT COUNT IN
**See note 1 and 2 below.
IOD0
IOD1
IOD2
IOD3
IOD4
IOD5
19
18
13
12
10
9
I/O
I/O
I/O
I/O
I/O
I/O
Port D is a 6-bit bi-directional programmable Input/Output port with Pull-low or
Open-drain option. As inputs, Port D can be either Pure or Pull-low states. As
outputs, Port D can be either Buffer or Open-drain PMOS type (source current).
(Key change, Wake up I/O)
**See note 1 and 2 below.
* Refer to SPC Programming Guide for complete information.
OPT
VDD
**Note: 1.) Three input states can be specified; Pure Input, Pull-High or Pull Low.
2.) Three output states can be specified, Buffer output, Open Drain PMOS output (source), or Open Drain NMOS
output (sink).
***OPT is the selection pin for ROSC or X’TAL using the bonding option. The shape looks like the figure at the right. When
ROSC is selected, OPT is connected to VDD. If X’TAL is selected, OPT is floating. The reason OPT is near VDD is that
when ROSC is selected, it is easy to make the connection between VDD and OPT.
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
4
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com