Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SPC08A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SPC08A
6.9. Speech and Melody
Since SPC08A provides 6.5K ROM (0.5K for Sunplus test program)
only, it is a suitable IC for simple speech and melody synthesis.
For speech synthesis, SPC08A can provide NMI for accurate
sampling frequency. Users can record or synthesize the sound
and digitize it into the ROM. The sound data can be played back
in the sequence of the control functions as designed by the user's
program. Several algorithms are recommended for high fidelity
and compression of sound including PCM, LOG PCM, and
ADPCM.
6.10. Power Saving Mode
The SPC08A provides a power saving mode (Standby mode) for
those applications that require very low stand-by current.
To
enter standby mode, the Wake-Up Register should be enabled
and then stop the CPU clock by writing the STOP CLOCK
Register. The CPU will then go to the stand-by mode. In such a
mode, RAM and I/Os will remain in their previous states until being
awakened. Port IOD5 - 0 are the wake-up sources in SPC08A.
After SPC08A is awakened, the internal CPU will go to the RESET
State (Tw ≧ 65536 x T1) and then continue processing the
program. Wakeup Reset will not affect the contents of RAM and
I/Os (FIG.1).
T1
Tw
CPU
CLK
Sleep
Wake-up
Reset
FIG. 1
T1 = 1 / (Fcpu), Tw ≧ 65536 x T1
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
7
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com