Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SPC08A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SPC08A
7. ELECTRICAL SPECIFICATIONS
7.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to +60℃
Storage Temperature
TSTO
-50℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or damage to the device. For normal operational
conditions see AC/DC Electrical Characteristics.
7.2. AC Characteristics (TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
-
1.0
1.5
MHz
VDD = 3.0V
OSC Frequency
FOSC2
-
2.0
3.0
MHz
VDD = 5.0V
7.3. DC Characteristics (VDD = 3.0V, TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Operating Voltage
VDD
2.4
-
3.6
V
For 2-battery
Operating Current
IOP
-
1.5
2.0
mA
FCPU = 1.0MHz @ 3.0V, no load
Standby Current
ISTBY
-
-
2.0
µA
VDD = 3.0V
Audio output current
IAUD
-
-1.5
-
mA
VDD = 3.0V, one-channel
Input High Level
VIH
2.0
-
-
V
VDD = 3.0V
Input Low Level
VIL
-
-
0.8
V
VDD = 3.0V
Output High I (IOA, IOD)
IOH
-
-6.0
-
mA
VDD = 3.0V, VOH = 2.0V
Output Sink I (IOA, IOD)
IOL
-
8.0
-
mA
VDD = 3.0V, VOL = 0.8V
Output Sink I (IOB)
IOL
-
12
-
mA
VDD = 3.0V, VOL = 0.8V
Input Resistor (IOD)
RIN
-
80
-
Kohm
Pull Low, VDD = 3.0V
7.4. DC Characteristics (VDD = 5.0V, TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Operating Voltage
VDD
3.6
-
5.5
V
For 3-battery
Operating Current
IOP
-
2.5
-
mA
FCPU = 3.0MHz @ 5.0V, no load
Standby Current
ISTBY
-
-
2.0
µA
VDD = 5.0V
Audio output current
IAUD
-
-3.0
-
mA
VDD = 5.0V, one-channel
Input High Level
VIH
3.0
-
-
V
VDD = 5.0V
Input Low Level
VIL
-
-
0.8
V
VDD = 5.0V
Output High I (IOA, IOD)
IOH
-
-10
-
mA
VDD = 5.0V, VOH = 4.2V
Output Sink I (IOA, IOD)
IOL
-
12
-
mA
VDD = 5.0V, VOL = 0.8V
Output Sink I (IOB)
IOL
-
17
-
mA
VDD = 5.0V, VOL = 0.8V
Input Resistor (IOD)
RIN
-
60
-
Kohm
Pull Low, VDD = 5.0V
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
8
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com