Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SPC08A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SPC08A
Input/Output IOB port : IOB3 - 0
60K
OD : Open Drain
input data
logic_3
control
output
data
OD-NMOS
or
buffer
Input/Output IOB port : IOB5 - 4
60K
OD : Open Drain
input data
logic_4
control
output
data
OD-NMOS
or
buffer
Input/Output IOD port : IOD3 - 0
60K
OD : Open Drain
input data
logic_5
control
output
data
OD-PMOS
or
buffer
Input/Output IOD port : IOD5 - 4
60K
OD : Open Drain
input data
logic_6
control
output
data
OD-PMOS
or
buffer
*Values shown are for VDD = 5.0V test conditions only.
6.8. Timer/Counter
SPC08A contains one 12-bit timer/counter, TMA respectively.
TMA can be specified as a timer or a counter. In the timer mode,
the TMA is a re-loaded up-counter. When timer overflows, the
user's pre-set value will be reloaded automatically and the timer
upcounts again. At the same time, interrupt will be generated if
the interrupt is enabled. If TMA is specified as a counter, users
can reset by loading #0 into the counter. After the counter has
been activated, the value of the counter can also be read from the
counters at the same time.
Clock source of Timer/Counter can be selected as follows:
Timer/Counter
Clock Source
12-BIT TIMER
CPU CLOCK (T) or T/4
TMA
12-BIT COUNTER
T/64, T/8192, T/65536 or EXT
CLK
MODE SELECT REGISTER
TMA only, select timer or counter
TIMER CLOCK SELECTOR
Select T or T/4
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
6
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com