Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 14Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SPC08A
9.3. PAD Locations
PAD No.
PAD Name
X
Y
1
XI
-633
318
2
VSS
-640
-164
3
AUD
-625
-384
8A
OPT
-608
-660
8
VDD
-513
-660
9
IOD5
-354
-691
10
IOD4
-187
-691
11
VSS
-27
-690
12
IOD3
132
-691
13
IOD2
299
-691
18
IOD1
643
-661
19
IOD0
643
-500
20
IOB5
643
-331
21
IOB4
643
-169
22
IOB3
643
0
23
IOB2
643
161
24
IOB1
643
330
28
IOB0
671
694
29
IOA5
507
694
30
IOA4
349
694
31
IOA3
187
694
32
IOA2
28
694
33
IOA1
-134
694
34
IOA0
-292
694
35
TEST
-452
682
39
RESET
-633
641
40
XO
-633
475
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
13
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com