Electronic Components Datasheet Search
  English  ▼

X  

SPC08A Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SPC08A
Description  6.5KB Sound Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC08A Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SPC08A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 14Page - List of Unclassifed Manufacturers SPC08A Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SPC08A
9. PACKAGE/PAD LOCATIONS
9.1. PAD Assignment
Chip Size: 1690
µm x 1840µm
This IC substrate should be connected to VSS
Note1: Chip size included scribe line.
Note2: To ensure that the IC functions properly, bond all VDD and VSS pins.
Note3: The 0.1
µF capacitor between VDD and VSS should be placed to IC as close as possible.
9.2. Ordering Information
Product Number
Package Type
SPC08A-nnnnV-C
Chip form
Note1: Code number (nnnnV) is assigned for customer.
Note2: Code number (nnnn = 0000 - 9999); version (A = A - Z).
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
12
SEP. 19, 2001
Version: 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com