Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDRVT
Description  500-mA LDO in Small 2-mm x 2-mm WSON Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDRVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV75801PDRVT Datasheet HTML 1Page - Texas Instruments TLV75801PDRVT Datasheet HTML 2Page - Texas Instruments TLV75801PDRVT Datasheet HTML 3Page - Texas Instruments TLV75801PDRVT Datasheet HTML 4Page - Texas Instruments TLV75801PDRVT Datasheet HTML 5Page - Texas Instruments TLV75801PDRVT Datasheet HTML 6Page - Texas Instruments TLV75801PDRVT Datasheet HTML 7Page - Texas Instruments TLV75801PDRVT Datasheet HTML 8Page - Texas Instruments TLV75801PDRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
GND
OUT
IN
3
1
2
NC
4
6
5
FB
EN
3
TLV758P
www.ti.com
SBVS351 – APRIL 2018
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin Adjustable WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
WSON
EN
4
Input
Enable pin. Drive EN greater than VHI to turn on the regulator.
Drive EN less than VLO to put the LDO into shutdown mode.
FB
2
—
This pin is used as an input to the control loop error amplifier and is used to set the
output voltage of the LDO.
GND
3
—
Ground pin
IN
6
Input
Input pin. A minimum of 0.22-µF capacitance is required from this pin to ground.
OUT
1
Output
Regulated output voltage pin. For best transient response, use a small 1-µF ceramic
capacitor from this pin to ground; see the Input and Output Capacitor Selection section.
NC
5
—
Not connected.
Thermal pad
Pad
—
The thermal pad is electrically connected to the GND node.
Connect to the GND plane for improved thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com