Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDRVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDRVT
Description  500-mA LDO in Small 2-mm x 2-mm WSON Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDRVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV75801PDRVT Datasheet HTML 2Page - Texas Instruments TLV75801PDRVT Datasheet HTML 3Page - Texas Instruments TLV75801PDRVT Datasheet HTML 4Page - Texas Instruments TLV75801PDRVT Datasheet HTML 5Page - Texas Instruments TLV75801PDRVT Datasheet HTML 6Page - Texas Instruments TLV75801PDRVT Datasheet HTML 7Page - Texas Instruments TLV75801PDRVT Datasheet HTML 8Page - Texas Instruments TLV75801PDRVT Datasheet HTML 9Page - Texas Instruments TLV75801PDRVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
TLV758P
SBVS351 – APRIL 2018
www.ti.com
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTR
Startup time
From EN low-to-high transition to VOUT = VOUT × 95%
500
µs
VHI
EN pin high voltage (enabled)
1.0
V
VLO
EN pin low voltage (enabled)
0.3
V
IEN
Enable pin current
VIN = EN = 6.0 V
10
nA
RPULL
DOWN
Pulldown resistance
VIN = 6.0 V
120
Ω
TSD
Thermal shutdown
Shutdown, temperature increasing
170
°C
Reset, temperature decreasing
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com