Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDRVT
Description  500-mA LDO in Small 2-mm x 2-mm WSON Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDRVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV75801PDRVT Datasheet HTML 1Page - Texas Instruments TLV75801PDRVT Datasheet HTML 2Page - Texas Instruments TLV75801PDRVT Datasheet HTML 3Page - Texas Instruments TLV75801PDRVT Datasheet HTML 4Page - Texas Instruments TLV75801PDRVT Datasheet HTML 5Page - Texas Instruments TLV75801PDRVT Datasheet HTML 6Page - Texas Instruments TLV75801PDRVT Datasheet HTML 7Page - Texas Instruments TLV75801PDRVT Datasheet HTML 8Page - Texas Instruments TLV75801PDRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IN
OUT
GND
EN
N/C
TLV758P
VOUT
VIN
FB
CIN
COUT
VEN
R2
R1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TLV758P
SBVS351 – APRIL 2018
TLV758P 500-mA LDO in Small 2-mm × 2-mm WSON Package
1
1 Features
1
•
Input Voltage Range: 1.5 V to 6.0 V
•
Adjustable Output Voltage:
–
0.55 V to 5.5 V
•
Low Dropout:
–
125 mV (max) at 500 mA (3.3 VOUT)
•
IQ: 25 µA (Typical)
•
Output Accuracy: 1% (Maximum)
•
Built-In Soft-Start With Monotonic VOUT Rise
•
Package:
–
2-mm × 2-mm WSON-6 (DRV)
•
Active Output Discharge
2 Applications
•
Set-Top Boxes, Gaming Consoles
•
Home Theater and Entertainment
•
Desktops, Notebooks, Ultrabooks
•
Printers
•
Servers
•
Thermostat and Lighting Control
•
Electronic Point of Sale (EPOS)
3 Description
The TLV758P is an adjustable 500-mA low-dropout
(LDO) regulator. This device is available in a small, 6-
pin, 2-mm × 2-mm WSON package and consumes
very low quiescent current and provides fast line and
load transient performance. The TLV758P features
an ultra-low dropout of 125 mV at 500 mA that can
help improve the power efficiency of the system.
The TLV758P is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides a
maximum accuracy of 1%. This device includes
integrated
thermal
shutdown,
current
limit,
and
undervoltage lockout (UVLO) features. The TLV758P
has an internal foldback current limit that helps
reduce the thermal dissipation during short-circuit
events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV758P
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TLV75801PDRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV75801PDRVT TI1-TLV75801PDRVT Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV75801PDRVT TI1-TLV75801PDRVT Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV75801PDRVT TI1-TLV75801PDRVT Datasheet
3Mb / 37P
TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
OCTOBER 2023
TLV75801PDRVT TI2-TLV75801PDRVT Datasheet
3Mb / 37P
TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
REVISED OCTOBER 2023
TLV75801PDRVT.A TI2-TLV75801PDRVT.A Datasheet
3Mb / 37P
TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
REVISED OCTOBER 2023
More results

Similar Description - TLV75801PDRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS745 TI1-TPS745 Datasheet
750Kb / 16P
500-mA LDO With Power-Good in Small 2-mm 횞 2-mm WSON Package
TPS746 TI1-TPS746 Datasheet
749Kb / 16P
1-A LDO With Power-Good in a Small 2-mm 횞 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TPS745 TI1-TPS745_18 Datasheet
1Mb / 22P
500-mA LDO With Power-Good in Small 2-mm 횞 2-mm WSON Package
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
TPS746-Q1 TI1-TPS746-Q1 Datasheet
2Mb / 30P
TPS746-Q1 1-A LDO With Power-Good in a Small 2-mm 횞 2-mm Wettable Flank WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com