Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDRVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDRVT
Description  500-mA LDO in Small 2-mm x 2-mm WSON Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDRVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV75801PDRVT Datasheet HTML 5Page - Texas Instruments TLV75801PDRVT Datasheet HTML 6Page - Texas Instruments TLV75801PDRVT Datasheet HTML 7Page - Texas Instruments TLV75801PDRVT Datasheet HTML 8Page - Texas Instruments TLV75801PDRVT Datasheet HTML 9Page - Texas Instruments TLV75801PDRVT Datasheet HTML 10Page - Texas Instruments TLV75801PDRVT Datasheet HTML 11Page - Texas Instruments TLV75801PDRVT Datasheet HTML 12Page - Texas Instruments TLV75801PDRVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IN
OUT
GND
EN
N/C
TLV758P
VOUT
VIN
FB
CIN
COUT
VEN
R2
R1
9
TLV758P
www.ti.com
SBVS351 – APRIL 2018
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Adjustable Output
Figure 1 shows that the output voltage of the TLV758P can be adjusted from 0.55 V to 5.5 V by using a resistor
divider network.
Figure 1. Adjustable Operation
Use Equation 2 to calculate R1 and R2 for any output voltage range.
R1 = R2 (VOUT / VFB – 1)
where
•
VFB = 0.55 V
(2)
8.1.2 Input and Output Capacitor Selection
The TLV758P requires an output capacitor of 1 µF or larger for stability. Use X5R- and X7R-type ceramic
capacitors because these capacitors have minimal variation in value and equivalent series resistance (ESR) over
temperature. When choosing a capacitor for a specific application be sure to look at the dc bias characteristics
for the capacitor. Higher output voltages cause a significant derating of the capacitor. For best performance, the
maximum recommended output capacitance is 100 µF.
To ensure stability, place a 1-µF capacitor on the input pin of the LDO as well. Some input supplies have a high
impedance, thus placing the input capacitor on the input supply helps reduce the input impedance. This capacitor
counteracts reactive input sources and improves transient response, input ripple, and PSRR. If the input supply
has a high impedance over a large range of frequencies, several input capacitors can be used in parallel to lower
the impedance over frequency. Use a higher-value capacitor if large, fast, rise-time load transients are
anticipated, or if the device is located several inches from the input power source.
8.1.3 Dropout Voltage
The TLV758P uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(ON) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves like a resistor in dropout mode. As with any linear regulator, PSRR and transient response degrade as
(VIN – VOUT) approaches dropout operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com