Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDRVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDRVT
Description  500-mA LDO in Small 2-mm x 2-mm WSON Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDRVT Datasheet(HTML) 5 Page - Texas Instruments

  TLV75801PDRVT Datasheet HTML 1Page - Texas Instruments TLV75801PDRVT Datasheet HTML 2Page - Texas Instruments TLV75801PDRVT Datasheet HTML 3Page - Texas Instruments TLV75801PDRVT Datasheet HTML 4Page - Texas Instruments TLV75801PDRVT Datasheet HTML 5Page - Texas Instruments TLV75801PDRVT Datasheet HTML 6Page - Texas Instruments TLV75801PDRVT Datasheet HTML 7Page - Texas Instruments TLV75801PDRVT Datasheet HTML 8Page - Texas Instruments TLV75801PDRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
TLV758P
www.ti.com
SBVS351 – APRIL 2018
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
(1)
THERMAL METRIC(1)
TLV758P
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
80.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
98.7
°C/W
RθJB
Junction-to-board thermal resistance
44.8
°C/W
ψJT
Junction-to-top characterization parameter
6.1
°C/W
ψJB
Junction-to-board characterization parameter
45.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
20.8
°C/W
6.5 Electrical Characteristics
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
1.5
6.0
V
VOUT
Output voltage
0.55
5.5
V
VFB
Feedback voltage
TJ = 25°C
0.545
0.55
0.555
V
Output accuracy
–40°C
≤ TJ ≤ +85°C, VOUT ≥ 1.0 V
–1%
1%
–40°C
≤ TJ ≤ +85°C, 0.55 V ≤ VOUT < 1.0 V
–10
10
mV
–40°C
≤ TJ ≤ +125°C, VOUT ≥ 1 V
–1.5%
1.5%
–40°C
≤ TJ ≤ +125°C, 0.55 V ≤ VOUT < 1 V
–15
15
mV
Line regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.0 V
2
mV
Load regulation
0.1 mA
≤ IOUT ≤ 500 mA
0.050
V/A
IGND
Ground current
TJ = 25°C, IOUT = 0 mA
14
25
33
µA
–40°C
≤ TJ ≤ +85°C, IOUT = 0 mA
35
–40°C
≤ TJ ≤ +125°C, IOUT = 0 mA
45
ISHDN
Shutdown current
VEN ≤ 0.4 V, 1.4 V ≤ VIN ≤ 6.0 V
0.1
1
µA
IFB
Feedback pin current
0.01
0.1
µA
ICL
Output current limit
VIN = VOUT + 0.5 V
VOUT = VOUT – 0.2 V,
VOUT ≤ 1 V
600
720
865
mA
VOUT = 0.9 V × VOUT,
1.0 V < VOUT ≤ 5.5 V
600
720
865
ISC
Short-circuit current limit
VOUT = 0 V
350
mA
VDO
Dropout voltage
IOUT = 500 mA,
–40°C
≤ TJ ≤
+125°C,
VOUT = 0.95 ×
VOUT(NOM)
0.6 V
≤ VOUT < 0.8 V
720
890
mV
0.8 V
≤ VOUT < 1.0 V
585
750
1.0 V
≤ VOUT < 1.2 V
420
575
1.2 V
≤ VOUT < 1.5 V
285
405
1.5 V
≤ VOUT < 1.8 V
180
235
1.8 V
≤ VOUT < 2.5 V
140
175
2.5 V
≤ VOUT < 3.3 V
102
125
3.3 V
≤ VOUT < 5.5 V
95
115
PSRR
Power-supply rejection ratio
VIN = VOUT + 1 V,
IOUT = 50 mA
f = 1 kHz
66
dB
f = 100 kHz
45
f = 1 MHz
30
VN
Output noise voltage
BW = 10 Hz to 100 kHz, VOUT = 0.6 V
30
µVRMS
VUVLO
Undervoltage lockout
VIN rising
1.27
1.33
1.42
V
VUVLO,
HYST
Undervoltage lockout
hysteresis
VIN falling
45
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com