Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDRVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDRVT
Description  500-mA LDO in Small 2-mm x 2-mm WSON Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDRVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV75801PDRVT Datasheet HTML 1Page - Texas Instruments TLV75801PDRVT Datasheet HTML 2Page - Texas Instruments TLV75801PDRVT Datasheet HTML 3Page - Texas Instruments TLV75801PDRVT Datasheet HTML 4Page - Texas Instruments TLV75801PDRVT Datasheet HTML 5Page - Texas Instruments TLV75801PDRVT Datasheet HTML 6Page - Texas Instruments TLV75801PDRVT Datasheet HTML 7Page - Texas Instruments TLV75801PDRVT Datasheet HTML 8Page - Texas Instruments TLV75801PDRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
TLV758P
SBVS351 – APRIL 2018
www.ti.com
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VIN + 0.3 V or 6.5 V, whichever is smaller.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply, VIN
–0.3
6.5
V
Enable, VEN
–0.3
VIN + 0.3
Output, VOUT
–0.3
VIN + 0.3
(2)
Current
Enable, IEN
TBD
µA
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
The maximum enable toggle frequency must be below 10 kHz.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
1.5
6.0
V
VOUT
Output voltage
0.55
5.5
V
IOUT
Output current
0
500
mA
CIN
Input capacitor
1
µF
COUT
Output capacitor
1
200
µF
VEN
Enable voltage(1)
0
6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com