Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 163 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 163 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 159Page - Intel Corporation SCD1284 Datasheet HTML 160Page - Intel Corporation SCD1284 Datasheet HTML 161Page - Intel Corporation SCD1284 Datasheet HTML 162Page - Intel Corporation SCD1284 Datasheet HTML 163Page - Intel Corporation SCD1284 Datasheet HTML 164Page - Intel Corporation SCD1284 Datasheet HTML 165Page - Intel Corporation SCD1284 Datasheet HTML 166Page - Intel Corporation SCD1284 Datasheet HTML 167Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
163
8.3.2
Synchronous Timing
Use the following table as a reference to timing parameters of figures in this section.
Figure 27. Asynchronous DMA Write Cycle Timing
Figure 28. Asynchronous DMA Write Cycle Timing (Two Back-to-Back DMA Writes)
CLK
DMAACK*
DB[15:0]
MAY CHANGE
VALID
t19
t21
DMAREQ*
t24
NOTE: Figure 27 is still valid, however, Figure 28 illustrates more robust timing.
DB[15:0]
DMAACK*
CLK
NOTE: The data is sampled on the third rising edge of CLK following the assertion of DMAACK*. If DMAACK* is held
active for more than three CLK cycles then the next DMA write cycle will simply be delayed, but the data will still be
sampled on the third rising CLK edge following the assertion of DMAACK*. If DMAACK* is active for
< 3 CLKs, the
n the data is still sampled on the third rising CLK edge following the assertion of DMAACK* (provided that
DMAACK* is active long enough for the device to lastch it. Due to this somewhat synchronous behavior, care must
be taken to guarantee that the data is valid at this CLK edge. Do not assume that the data will be sampled on the
deassertion of DMAACK*.
t32
t29
VALID
DMAREQ*
t28
VALID
t31
t30
t30
t32
t31
DMAACK* SYNCHRONIZED
HERE
DMAACK* SYNCHRONIZED
HERE
DATA SAMPLED
HERE
DATA SAMPLED
HERE
DMAACK* LATCHED
HERE
SEE NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com