Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 162 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 162 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 158Page - Intel Corporation SCD1284 Datasheet HTML 159Page - Intel Corporation SCD1284 Datasheet HTML 160Page - Intel Corporation SCD1284 Datasheet HTML 161Page - Intel Corporation SCD1284 Datasheet HTML 162Page - Intel Corporation SCD1284 Datasheet HTML 163Page - Intel Corporation SCD1284 Datasheet HTML 164Page - Intel Corporation SCD1284 Datasheet HTML 165Page - Intel Corporation SCD1284 Datasheet HTML 166Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
162
Datasheet
Figure 25. Asynchronous DMA Read Cycle Timing
Figure 26. Asynchronous DMA Read Cycle Timing (Two Back-to-Back DMA Reads)
DB[15:0]
DMAACK*
CLK
‘a’
‘b’
NOTES:
1. The DMA handshake operates in asynchronous mode only if the AsyncDMA bit is set in PACR.
2. If DMAACK* is released after point ‘a,’ but before point ‘b’ (two rising CLK edges after the falling edge of
DMAACK*), DB[15:0] is released at t20 following the rising edge of CLK. If DMAACK* is held past this edge, it
controls the release of DB[15:0]; the data bus remains active until DMAACK* becomes inactive (point ‘c’).
3. Figure 25 is still valid, however, Figure 26 illustrates more robust timing.
t20
t19
‘c’
MAY CHANGE
VALID
t23
DMAREQ*
t24
NOTES:
1. The DMA handshake operates in asynchronous mode only if the AsyncDMA bit is set in PACR.
2. If DMAACK* is released after point ‘a,’ but before point ‘b’ (two rising CLK edges after the falling edge of DMAACK*),
DB[15:0] is released at t20 following the rising edge of CLK. If DMAACK* is held past this edge, it controls the release of
DB[15:0]; the data bus remains active until DMAACK* becomes inactive (point ‘c’).
3. Figure 25 is still valid, however, Figure 26 illustrates more robust timing.
DB[15:0]
DMAACK*
CLK
NOTE: The falling edge of DMAACK* is synchronized internally with the rising edge of the clock when asynchronous
timing is selected by PACR[1]. The data valid time can vary by as much as one full CLK cycle depending on when
DMAACK* falling edge occurs in relation to the CLK rising edge. The minimum DMAACK* active time must be met
to ensure that the data has become valid before the rising edge of DMAACK*. The DMAACK* can be extended to
any length, which extends the data valid hold time accordingly. If t25 is not met and DMAACK* is deasserted in less
than t25 (MIN), then the data bus tristates t27 after the third rising clock edge following the assertion of DMAACK*.
t27
t29
VALID
DMAREQ*
SEE NOTE
SEE NOTE
t28
t25
VALID
t26
DMAACK* SYNCHRONIZED
HERE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com