Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 158 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 158 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 154Page - Intel Corporation SCD1284 Datasheet HTML 155Page - Intel Corporation SCD1284 Datasheet HTML 156Page - Intel Corporation SCD1284 Datasheet HTML 157Page - Intel Corporation SCD1284 Datasheet HTML 158Page - Intel Corporation SCD1284 Datasheet HTML 159Page - Intel Corporation SCD1284 Datasheet HTML 160Page - Intel Corporation SCD1284 Datasheet HTML 161Page - Intel Corporation SCD1284 Datasheet HTML 162Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
158
Datasheet
Note:
For synchronous systems, it is necessary to determine the clock cycle number so that interface
circuitry can stay in lock-step with the device. CLK numbers can be determined if RESET* is
released within the range ta–tb; ta is defined as 10-ns minimum after the rising edge of the clock; tb
is defined as 5-ns minimum before the next rising edge of the clock. If these conditions are met, the
cycle starting after the second rising edge is C1. See the synchronous timing diagrams for
additional information. Clock numbers are not important in asynchronous systems.
The following timing numbers are for the back-to-back asynchronous DMA timing diagrams.
t25
26
Hold time, DMAACK* active (DMA read/write)
3 CLK
t26
26
Delay, data valid after falling edge DMAACK* (DMA
read)
0.5 CLK
+ 20
1.5 CLK
+ 25
ns
t27
26
Hold time, data valid after rising edge DMAACK* (DMA
read)
10
30
ns
t28
26
28
Inactive time, DMAACK* (DMA read/write)
10
ns
t29
26
28
Hold time, DMAREQ* rising edge after
DMAACK* falling edge (DMA read/write)
10
1 CLK
+ 15
ns
t30
28
Hold time, DMAACK* active (DMA write)
2.5 CLK
t31
28
Delay, data valid after falling edge DMAACK* (DMA
write)
1.5 CLK
t32
28
Hold time, data valid (DMA write)
3 CLK
+ 10
ns
NOTES:
1. Timing numbers for RESET* and CLK in the table above are valid for both asynchronous and synchronous specifications.
The device operates on any clock with a 40–60 duty cycle or better.
2. On host-I/O cycles immediately following SVCACK* cycles and writes to EOSRR, DTACK* is delayed by 20 CLKs (1
µs @ 20
MHz, 800 ns @ 25 MHz). On systems that do not use DTACK* to signal the end of the I/O cycle, wait states or some other
form of delay generation must be used to assure that the CD1284 is not accessed until after this time period.
3. As TCLK increases, device performance decreases. A minimum clock frequency of 25 MHz is required to ensure
performance as specified. The recommended maximum TCLK is 1000 ns.
4. DTACK* sources current (drives ‘high’) until the voltage on the DTACK* line is approximately 1.5 V; then DTACK* goes to the
‘open-drain’ (high-impedance) state.
Figure 20. Reset Timing
Table 27. Asynchronous Timing Reference Parameters (Sheet 2 of 2)
Timing
Number
Figure
Parameter
MIN
MAX
Unit
t1
VCC
CLK
RESET*
ta tb
C2
C1
C2
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com