Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 154 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 154 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 150Page - Intel Corporation SCD1284 Datasheet HTML 151Page - Intel Corporation SCD1284 Datasheet HTML 152Page - Intel Corporation SCD1284 Datasheet HTML 153Page - Intel Corporation SCD1284 Datasheet HTML 154Page - Intel Corporation SCD1284 Datasheet HTML 155Page - Intel Corporation SCD1284 Datasheet HTML 156Page - Intel Corporation SCD1284 Datasheet HTML 157Page - Intel Corporation SCD1284 Datasheet HTML 158Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
154
Datasheet
slow masters that require an ACK* pulse longer than the maximum specified in the IEEE STD
1284 specification. The table below shows some examples of the necessary binary value for
various system clock frequencies to set the 500-ns pulse width.
7.9
Pin Control Registers
The parallel port has five outputs and four inputs. The pin assignments are the same as those
defined in the IEEE STD 1284 specification. The definition of the pins depends on the current
negotiated mode; these are detailed in the following descriptions.
7.9.1
Signal Status Register
The bits in this register show the results of changes specified in the ODR and ZDR. Normally, the
host reads this register in response to a signal change interrupt generated by the CD1284. This
register is active and valid only in Manual mode. Bits 7:4 return zeros when read. A write of any
value to the register clears it.
7.9.2
Zeros Detect Register
Setting the bits in this register enables the CD1284 to generate an interrupt – if the SigCh bit
(PCIER[4]) is set – when the selected signal changes from high-to-low (falling edge). Bits 7:4 are
reserved and must be written as ‘0’; they return ‘0’ when read. The settings in this register have no
effect (that is, the SigCh interrupt is not generated) unless the device is in Manual mode.
Clock
(MHz)
SPR Value
Resultant Pulse Width
(ns)
16
8
500
20
10
500
25
13
520
Register Name: SSR
Register Description: Signal Status
Access: Read/Write
8-Bit Hex Address: 2F
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
A1284
nInit
HstBsy
HstClk
Register Name: ZDR
Register Description: Zeros Detect
Access: Read/Write
8-Bit Hex Address: 2C
Default Value: 00
0
0
0
0
A1284
nInit
HstBsy
HstClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com