Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 155 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 155 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 151Page - Intel Corporation SCD1284 Datasheet HTML 152Page - Intel Corporation SCD1284 Datasheet HTML 153Page - Intel Corporation SCD1284 Datasheet HTML 154Page - Intel Corporation SCD1284 Datasheet HTML 155Page - Intel Corporation SCD1284 Datasheet HTML 156Page - Intel Corporation SCD1284 Datasheet HTML 157Page - Intel Corporation SCD1284 Datasheet HTML 158Page - Intel Corporation SCD1284 Datasheet HTML 159Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
155
8.0
Electrical Specifications
Note:
Verify with your local sales office that you have the latest datasheet before finalizing a design.
8.1
Absolute Maximum Ratings
• Supply voltage (VCC)+7.0 V (volts)
• Input voltages, with respect to ground-0.5 V to VCC +0.5 V
• Operating temperature (TA)0°C to 70°C
• Storage temperature-65
°C to 150°C
• Power dissipation0.25 W (watt)
Note:
Stresses above those listed under Absolute Maximum Ratings can cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at these or any conditions
above those indicated in the recommended operating conditions is not implied. Exposure to
absolute maximum rating conditions for extended periods can affect device reliability.
8.2
Recommended Operating Conditions
Supply voltage (VCC)5 V ± 5%
Operating free air ambient temperature0
°C < T
A < 70°C
System clock25 MHz
ESD
(Human body model)
100 pF. 1.5 k
Ω, ± 2 kV
Mil-Std-883D
Method 3015.7
ESD
(Machine model)
200 pF, 0
Ω, ± 200 V
EIAJ IC-121
Latch-up
I/O
± 100 mA, V
CC = 5 V
Temperature = 25
°C and 70°C
JEDEC number 17
VCC ramp 5 V to 9 V
Temperature = 25
°C and 70°C
JEDEC number 17
Hysteresis
200 mV
(@ VCC = 5V ± 5%, TA = 0°C to 70°C)
Symbol
Parameter
MIN
MAX
Units
Test Conditions
VIL
Input low voltage
−0.5
0.8
V
VIH
Input high voltage
2.0
VCC
V
1
VOL
Output low voltage
0.4
V
IOL = 2.4 mA
2
VOH
Output high voltage
2.4
V
IOH = -400 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com