Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 152 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 152 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 148Page - Intel Corporation SCD1284 Datasheet HTML 149Page - Intel Corporation SCD1284 Datasheet HTML 150Page - Intel Corporation SCD1284 Datasheet HTML 151Page - Intel Corporation SCD1284 Datasheet HTML 152Page - Intel Corporation SCD1284 Datasheet HTML 153Page - Intel Corporation SCD1284 Datasheet HTML 154Page - Intel Corporation SCD1284 Datasheet HTML 155Page - Intel Corporation SCD1284 Datasheet HTML 156Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
152
Datasheet
7.8.12
Special Command Register
This register provides the peripheral host processor to issue special commands to the channel
control state-machine. In response, the state-machine will perform the indicated IEEE STD 1284-
defined handshake on the parallel interface.
Bit
Description
7:5
Mode Control: These three bits control the type of transfer desired and whether or not it is enabled to do so.
The ManMd bit selects Manual mode, which allows the user direct control over all parallel data and parallel
port control signals. MMDir controls the direction of the MDR (Manual Data register), and ManOE is the output
enable when MMDir
= 1 (output mode).
E1284 allows the parallel port to engage in IEEE 1284 negotiations; ETxfr enables data transfers. The ETxfr
enable is only used for data transfers. EPP address read and write functions do not require that the ETxfr bit
be set.
4
Ig_SEL: This bit prevents the CD1284 from considering the state of the SLCTIN* input when deciding
whether or not to accept Compatibility mode forward data transfers.
When Ig_SEL is reset, SLCTIN* must be active (low) to receive data on the parallel port in response to a
STROBE* input. If Ig_SEL is set, SLCTIN* is not considered and data is accepted regardless of its state. The
Ig_SEL bit should be set/reset together with the E1284 bit.
3:2
Host Timer Test Control [1:0]: These two bits control the clock rate of the host timeout timer and are
intended primarily for manufacturing test purposes. As such, normal user-level programming should leave
these bits cleared (‘0’). When these bits are set to ‘1’, the timer is completely disabled – useful for factory
debug purposes.
1:0
Manual Mode Control: These two bits provide direction and output enable manual control over the parallel
port.
Register Name: SCR
Register Description: Special Command
Access: R/W
8-Bit Hex Address: 2A
Default Value: 00
Bit 7Bit 6
Bit 5
Bit 4Bit 3Bit 2Bit 1Bit 0
0
0
0
TestMux
ClrPs
SetPs
EPIrq
RevRq
ManMd
E1284
Etxfr
Mode
0
0
0
Compatibility mode; transfers disabled.
0
0
1
Compatibility mode; transfers enabled.
0
1
0
IEEE 1284 negotiation; transfers disabled.
0
1
1
IEEE 1284 negotiation; transfers enabled.
1
X
X
Manual mode.
MMDir
ManOE
Mode
0
0
Reverse direction.
0
1
Reverse direction.
1
0
Forward direction disabled.
1
1
Forward direction enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com