Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 157 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 157 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 153Page - Intel Corporation SCD1284 Datasheet HTML 154Page - Intel Corporation SCD1284 Datasheet HTML 155Page - Intel Corporation SCD1284 Datasheet HTML 156Page - Intel Corporation SCD1284 Datasheet HTML 157Page - Intel Corporation SCD1284 Datasheet HTML 158Page - Intel Corporation SCD1284 Datasheet HTML 159Page - Intel Corporation SCD1284 Datasheet HTML 160Page - Intel Corporation SCD1284 Datasheet HTML 161Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
157
8.3
AC Characteristics
8.3.1
Asynchronous Timing
Refer to the Figures 6-1 through 6-7 for the reference numbers in the following table.
Table 27. Asynchronous Timing Reference Parameters (Sheet 1 of 2)
Timing
Number
Figure
Parameter
MIN
MAX
Unit
t1
Figure
20
RESET* low pulse width
10
TCLK
t2
22
Address setup time to CS* or DS*
10
ns
t3
22
R/W* setup time to CS* or DS*
10
ns
t4
22
Address hold time after CS*
0
ns
t5
22
R/W* hold time after CS*
0
ns
t6
22
DTACK* low to read data valid
10
ns
t7
22
DTACK* low from CS* or DS2
2 TCLK
4 TCLK + 30
ns
t8
22
Data Bus tristate after CS* or DS* high
0
30
ns
t9
22
CS* or DGRANT* high from DTACK* low
0
ns
t10
22
DTACK* inactive from CS* or DGRANT* and DS* high
40
ns
t11
22
DS* high pulse width
10
ns
t12
23
Write data valid from CS* and DS* low
1TCLK
ns
t13
23
Write data hold time after DS* high
0
ns
t14
21
Clock period (TCLK)1, 3
40.0
1000
ns
t15
21
Clock low time1
0.3 TCLK
0.7 TCLK
ns
t16
21
Clock high time1
0.3 TCLK
0.7 TCLK
ns
t17
24
Propagation delay, DGRANT* and DS* to DPASS*
35
ns
t18
24
Setup time, SVCACK* to DS* and DGRANT*
10
ns
t19
25
Setup time, DMAACK* to rising edge of CLK
10
ns
t20
25
Hold time, read data after rising edge of CLK
10
30
ns
t21
27
Setup time, write data to rising edge of CLK
0
ns
t22
22
DTACK* active pull-up time4
see note 4
ns
t23
25
Data valid after falling edge of CLK (DMA read)
25
ns
t24
25
27
Hold time, DMAREQ* after DMAACK* falling edge,
last DMA cycle
10
1 CLK
+ 15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com