Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  8596 Datasheet HTML 1Page - PHOENIX CONTACT 8596 Datasheet HTML 2Page - PHOENIX CONTACT 8596 Datasheet HTML 3Page - PHOENIX CONTACT 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
3
Description
Type
Order No.
Pcs. / Pkt.
Axioline E-IO-Link/analog converter for connecting an analog actuator,
4 mA ... 20 mA, M12 fast connection technology, straight version
AXL E IOL AO1 I M12 S
2700351
1
3Ordering data
Dimensions (nominal sizes in mm)
Width
16.6 mm
Height
29 mm
Depth
79.5 mm
4
Technical data
50
16,5
79,5
16,6
General data
Weight
34 g
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 %
Permissible humidity (storage/transport)
5 % ... 95 %
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP65/67
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Pollution degree
2
IO-Link
Specification
V1.1.1
Protection against polarity reversal
Yes
Transmission speed
230,4 kBit/s (COM3)
Frame type
1
Cycle Time
min. 2 ms
Process data update
2 ms
Amount of process data
16 Bit (Output data)
IO-Link ports
Number of ports
1
Connection method
M12 connector, A-coded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com