Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT 8596 Datasheet HTML 10Page - PHOENIX CONTACT 8596 Datasheet HTML 11Page - PHOENIX CONTACT 8596 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
10
13
Significant values in various formats
13.1
IB IL format
Resolution: 1 bit (0000 -> 0008) accords 4.27
µA.
13.2
S7-compatible format
Resolution: 1 bit (0000 -> 0008) accords 4.63
µA.
Output data
Range
4 mA ... 20 mA
hex
dec
mA
> 7F08
> 32520
Overrange
21.339
7F00
32512
Overdrive range (End)
21.339
7538
30008
Overdrive range (Start)
20.00427
7530
30000
Nominal range (End)
20.0
3A98
15000
Nominal range
12.0
0008
8
Nominal range
4.00427
0000
0
Nominal range (Start)
4.0
< 0000
< 0
Underrange
4.0
If overrange, input data 8001
hex is indicated.
If underrange, input data 8080
hex is indicated.
If wire break occurs, input data 8002
hex is indicated.
If short-circuit occurs, last value is hold.
Output data
Range
4 mA ... 20 mA
hex
dec
mA
> 7F00
> 32512
Overrange
1.185
7EF8
32504
Overdrive range (End)
22.81
6C08
27656
Overdrive range (Start)
20.00463
6C00
27648
Nominal range (End)
20.0
3600
13824
Nominal range
12.0
0008
8
Nominal range
4.00463
0000
0
Nominal range (Start)
4.0
FFF8
-8
Underdrive range (Start)
3.995
ED00
-4864
Underdrive range (End)
1.185
< ED00
< -4864
Underrange
1.185
The S7-Format enables the presentation of currents < 4mA. Therefore the range vom FFF8 to ED00 is used.
This device enables currents up to 1.185 mA. Currents < 1 mA are not supported.
If overrange, input data 7FFF
hex is indicated.
If underrange, input data 8000
hex is indicated.
If wire break occurs, input data 8000
hex is indicated.
If short-circuit occurs, last value is hold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com