Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT 8596 Datasheet HTML 10Page - PHOENIX CONTACT 8596 Datasheet HTML 11Page - PHOENIX CONTACT 8596 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
12
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
14.2
Parameterization (80
hex: ParaWord)
Parameterize the device using this object.
In the case of valid parameters, the parameterization is permanently stored on the device.
After a reset, the device operates with the last permanently stored data. Upon delivery, the device operates with the default
data (default settings).
In the following tables the values in bold are default settings.
Saving data to the device leads to a communication failure of around 30 ms.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Substitute value behavior in the
event that IO-Link communication
is aborted
Format
Reserved
Format
Code (bin)
Meaning
00
S7-compatible
10
IB IL
Other
Reserved
Substitute value behavior in the event that IO-Link
communication is aborted
Code (bin)
Meaning
00
Output of zero value (4 mA) at output
01
Output of final value (20 mA) at output
10
Hold last value
11
Reserved
Other
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com